Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KH42HM2-902 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # KH42HM2-902
Description  KH56QM2-951
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

KH42HM2-902 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  KH42HM2-902 Datasheet HTML 1Page - List of Unclassifed Manufacturers KH42HM2-902 Datasheet HTML 2Page - List of Unclassifed Manufacturers KH42HM2-902 Datasheet HTML 3Page - List of Unclassifed Manufacturers KH42HM2-902 Datasheet HTML 4Page - List of Unclassifed Manufacturers KH42HM2-902 Datasheet HTML 5Page - List of Unclassifed Manufacturers KH42HM2-902 Datasheet HTML 6Page - List of Unclassifed Manufacturers KH42HM2-902 Datasheet HTML 7Page - List of Unclassifed Manufacturers KH42HM2-902 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
C-23
KHシリーズ
2相
ステッピングモータ
&ドライバ
■コネクタリード
■外形図
HOLE
4-φ4.5
±0.2
47.14
±0.5
20.6
5
LL
1.6
)
(56
C0.5
極番表示
1357911
ネームプレート
PIN No.
±0.2
15
±0.2
15
±0.5
20.6
)
(16
5
1.6
C0.5
ネームプレート
C0.3
[両軸]
[片軸]
300
+40
0
(10)
■結線方法
1
(PHASE)55381
PIN No.
55381(PHASE)
PIN No.
2
3
4
5
6
(A)
(COM)
(A)
(B)
(COM)
(B)
51004-1100(PIN NO.)
1
3
5
7
9
11
励磁相(PHASE)
A
A com
AB
B com
B
リード線色
COROR OF LEAD
黒赤茶黄青橙
BLACK RED BLOWN YELLOW BLUE ORANGE
下記励磁シーケンスにて、出力軸側より見て
時計方向回転
回転方向確認用励磁シーケンス
55381
PIN NO.
51004-1100
PIN NO.
PHASE
1234
11
A
47
B
35
A
611
B
23
A com ++++
59
B com ++++
機種名
L(mm)
KH56JM2-
42
KH56KM2-
54
KH56QM2-
76
ハイブリット型
ステッピングモータ
■コネクタ仕様
KH56
シリーズ
メーカ名
日本モレックス
ハウジング型式
51004-110
コンタクト型式
59333-8000
リード線
AWG#22,UL3266
質量(kg)
0.4
0.65
1


Similar Part No. - KH42HM2-902

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KH42HM2-902 ETC1-KH42HM2-902 Datasheet
135Kb / 2P
   KH42 SERIES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com