Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2807 Datasheet(PDF) 3 Page - Analog Devices

Part # ADN2807
Description  155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2807 Datasheet(HTML) 3 Page - Analog Devices

  ADN2807 Datasheet HTML 1Page - Analog Devices ADN2807 Datasheet HTML 2Page - Analog Devices ADN2807 Datasheet HTML 3Page - Analog Devices ADN2807 Datasheet HTML 4Page - Analog Devices ADN2807 Datasheet HTML 5Page - Analog Devices ADN2807 Datasheet HTML 6Page - Analog Devices ADN2807 Datasheet HTML 7Page - Analog Devices ADN2807 Datasheet HTML 8Page - Analog Devices ADN2807 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADN2807
Rev. A | Page 3 of 20
SPECIFICATIONS
Table 1. TA = TMIN to TMAX, VCC = VMIN to VMAX, VEE = 0 V, CF = 4.7 µF, SLICEP = SLICEN = VCC, unless otherwise noted
Parameter
Conditions
Min
Typ
Max
Unit
QUANTIZER–DC CHARACTERISTICS
Input Voltage Range
@ PIN or NIN, dc-coupled
0
1.2
V
Peak-to-Peak Differential Input
2.4
V
Input Common-Mode Level
DC-coupled (See Figure 26)
0.4
V
Differential Input Sensitivity
PIN−NIN, ac-coupled1, BER = 1 × 10–10
4
10
mV p-p
Input Overdrive
See Figure 8
2
5
mV p-p
Input Offset
500
µV
Input RMS Noise
BER = 1 × 10–10
244
µV rms
QUANTIZER–AC CHARACTERISTICS
Small Signal Gain
Differential
54
dB
Input Resistance
Differential
100
Input Capacitance
0.65
pF
Pulse-Width Distortion2
10
ps
QUANTIZER SLICE ADJUSTMENT
Gain
SliceP – SliceN = ±0.5 V
0.11
0.20
0.30
V/V
Control Voltage Range
SliceP – SliceN
–0.8
+0.8
V
@ SliceP or SliceN
1.3
VCC
V
Slice Threshold Offset
±1.0
mV
LEVEL SIGNAL DETECT (SDOUT)
Level Detect Range (See Figure 4)
RTHRESH = 2 kΩ
9.4
13.3
18.0
mV
RTHRESH = 20 kΩ
2.5
5.3
7.6
mV
RTHRESH = 90 kΩ
0.7
3.0
5.2
mV
Response Time
DC-coupled
0.1
0.3
5
µs
Hysteresis (Electrical)
OC-12, PRBS 223
RTHRESH = 2 kΩ
4.7
6.4
7.8
dB
RTHRESH = 20 kΩ
1.8
6.0
10.0
dB
RTHRESH = 90 kΩ
6.3
dB
RTHRESH = 90 kΩ @ 25°C
4.8
6.9
8.9
dB
OC-3, PRBS 223
RTHRESH = 2 kΩ
3.6
6.2
8.5
dB
RTHRESH = 20 kΩ
5.6
dB
RTHRESH = 90 kΩ
5.6
dB
RTHRESH = 90 k @ 25°C
3.4
6.6
9.9
dB
OC-12, PRBS 27
RTHRESH = 2 kΩ
5.7
6.6
7.8
dB
RTHRESH = 20 kΩ
3.9
6.2
8.5
dB
RTHRESH = 90 kΩ
3.2
6.7
9.9
dB
OC-3, PRBS 27
RTHRESH = 2 kΩ
5.4
6.6
7.7
dB
RTHRESH = 20 kΩ
4.6
6.4
8.2
dB
RTHRESH = 90 kΩ
3.9
6.8
9.7
dB
LOSS-OF-LOCK DETECTOR (LOL)
Loss-of-Lock Response Time
From fVCO error > 1000 ppm
60
mV
POWER SUPPLY VOLTAGE
3.0
3.3
3.6
V
POWER SUPPLY CURRENT
150
164
215
mA


Similar Part No. - ADN2807

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2807 AD-ADN2807_15 Datasheet
534Kb / 20P
   155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
More results

Similar Description - ADN2807

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2807 AD-ADN2807_15 Datasheet
534Kb / 20P
   155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2814 AD-ADN2814 Datasheet
336Kb / 28P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
Rev. PrA
ADN2804 AD-ADN2804 Datasheet
460Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. 0
ADN2804 AD-ADN2804_15 Datasheet
418Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. D
logo
TriQuint Semiconductor
TQ8103 TRIQUINT-TQ8103 Datasheet
194Kb / 9P
   622 Mb/s Clock & Data Recovery
logo
Analog Devices
ADN2813 AD-ADN2813 Datasheet
522Kb / 28P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2812 AD-ADN2812 Datasheet
478Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2819 AD-ADN2819 Datasheet
570Kb / 24P
   Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
ADN2813 AD-ADN2813_15 Datasheet
435Kb / 28P
   Data Recovery IC with Integrated Limiting Amp
REV. C
ADN2819 AD-ADN2819_15 Datasheet
585Kb / 24P
   Multirate to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com