Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCFGA0J156K Datasheet(PDF) 1 Page - Rohm

Part # TCFGA0J156K
Description  Chip tantalum capacitors with open-function built-in
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGA0J156K Datasheet(HTML) 1 Page - Rohm

  TCFGA0J156K Datasheet HTML 1Page - Rohm TCFGA0J156K Datasheet HTML 2Page - Rohm TCFGA0J156K Datasheet HTML 3Page - Rohm TCFGA0J156K Datasheet HTML 4Page - Rohm TCFGA0J156K Datasheet HTML 5Page - Rohm TCFGA0J156K Datasheet HTML 6Page - Rohm TCFGA0J156K Datasheet HTML 7Page - Rohm TCFGA0J156K Datasheet HTML 8Page - Rohm TCFGA0J156K Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TCFG series
Tantalum capacitors
1/15
Chip tantalum capacitors with
open-function built-in
TCFG series
!
!
!
!
Features
!
!
!
!
External dimensions (Units : mm)
1) Safety design by open functiom built - in.
2) Wide capacitance range
3) Screening by thermal shock.
Case code
L
W1
W2
HS
B
(3528)
3.5 0.2
2.8 0.2
1.9 0.2
1.9 0.2
0.8 0.3
A
(3216)
3.2 0.2
1.6 0.2
1.2 0.2
1.6 0.2
0.8 0.3
P
(2012)
2.0 0.2
1.25 0.2
0.9 0.2
Max.1.20
0.45 0.3
+−
+−
+−
+−
+−
+−
+−
+−
+−
+−
+−
+−
+−
+−
T C
A0 J
M 8 R
Rated voltage
Capacitance Tolerance
pF Code : 1st two digits represent significant figures, 3rd
digit represent multiplier
(number of zeros to follow)
8
: Tape width
(8mm)
R
:Anode is on the opposite side of the sprocket hole
(V) 4
CODE
±10%
K :
±20%
M :
6.3
0J
10
1A
16
1C
20
1D
1 0 6
1
6
1
2
4
5
3
1
1 Series name
TC/TCFG
2 Case code
TC
…………M,P,A
TCFG
…… P,A,B
3
Rataed voltage
0G
4 Capacitance
5
Taping
6
L
H
W1 Max.
W2
W1
W2
S
S


Similar Part No. - TCFGA0J156K

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGA0J156K8R ROHM-TCFGA0J156K8R Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Similar Description - TCFGA0J156K

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG ROHM-TCFG Datasheet
119Kb / 15P
   Chip tantalum capacitors with open-function built-in
TCFG_P ROHM-TCFG_P Datasheet
138Kb / 14P
   Chip tantalum capacitors with open-function built-in
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_10 Datasheet
153Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_12 Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C Datasheet
135Kb / 12P
   Chip tantalum capacitors with (Fail-safe open structure type)
logo
Vishay Siliconix
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
logo
Toshiba Semiconductor
TA8523F TOSHIBA-TA8523F Datasheet
193Kb / 4P
   built-in enable function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com