Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY23020-1 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY23020-1
Description  20-output, 200-MHz Zero Delay Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23020-1 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY23020-1 Datasheet HTML 2Page - Cypress Semiconductor CY23020-1 Datasheet HTML 3Page - Cypress Semiconductor CY23020-1 Datasheet HTML 4Page - Cypress Semiconductor CY23020-1 Datasheet HTML 5Page - Cypress Semiconductor CY23020-1 Datasheet HTML 6Page - Cypress Semiconductor CY23020-1 Datasheet HTML 7Page - Cypress Semiconductor CY23020-1 Datasheet HTML 8Page - Cypress Semiconductor CY23020-1 Datasheet HTML 9Page - Cypress Semiconductor CY23020-1 Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CY23020-1
Document #: 38-07120 Rev. *B
Page 7 of 10
Full Swing AC Electrical Characteristics VDDC =3.3V ±5%, VDD = 2.5V ±5% or VDD = 3.3V ±5%,
Load: (See term. diagram, CL= 5 pf) QFN Package
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Unit
FIN
Input Frequency
50
200
MHz
FOUT
Output Frequency
50
200
MHz
tISR
Input Slew Rate (+ or –)
Measured between 20% and 80% of input swing
1
6.5
V/ns
tR
Output Rise Rate
Measured between 20% and 80% of output swing
1
6.5
V/ns
tF
Output Fall Rate
Measured between 80% and 20% of output swing
1
6.5
V/ns
tIDC
Input Duty Cycle
Tested at 50% swing
40
60
%
tD
Output Duty Cycle
Measured at VDD/2
45
55
%
tPD
REF–FBIN skew
Fout = Fref, VDD = 2.5V
–175
175
ps
Fout = Fref, VDD = 3.3V
–100
175
tPD2
REF–FBIN skew
Fout = Frefx2, VDD = 2.5V
–175
175
ps
Fout = Frefx2, VDD = 3.3V
–150
175
tSK
Output-Output Skew
85
ps
tTB
Total Timing Budget window[3,4] Refin to any output, Fout = Fref
335
ps
All outputs active, Fout = Fref × 2385
ps
tJC
Peak Cycle-Cycle Jitter (1000
cycles max)
All outputs active, Fout = Fref
95
ps
tJC_RMS
RMS Cycle-Cycle Jitter
All outputs active, Fout = Fref
12
ps
tJP
Period Jitter p-p
All outputs active, Fout = Fref
95
ps
tJP_RMS
RMS Period Jitter
All outputs active, Fout = Fref
17
ps
tJL
I/O Phase Jitter p-p
All outputs active, Fout = Fref
170
ps
tJLRMS
RMS I/O Phase Jitter
All outputs active, Fout = Fref
22
ps
tJC2
Peak Cycle-Cycle Jitter (1000
cycles max)
All outputs active, Fout = Fref × 2145
ps
tJCRMS2
RMS Cycle-Cycle Jitter
All outputs active, Fout = Fref × 224
ps
tJP2
Period Jitter p-p
All outputs active, Fout = Fref × 2170
ps
tJPRMS2
RMS Period Jitter
All outputs active, Fout = Fref × 228
ps
tJL2
I/O Phase Jitter p-p
All outputs active, Fout = Fref × 2170
ps
tJLRMS2
RMS I/O Phase Jitter
All outputs active, Fout = Fref × 228
ps
PSRR
(Core)
I/O Phase Jitter Sensitivity to
Power Supply Variations
1Vpp modulation of 10 kHz–10MHz
300
pspp
/ V
PSRR
(Output)
I/O Phase Jitter Sensitivity to
Power Supply Variations
1Vpp modulation of 10 kHz–10MHz
700
pspp
/ V
tLOCK
Power-up lock time
1ms
tPWD
Power-down time
1ms
tTSK
Spread Spectrum Tracking
skew
100
ps


Similar Part No. - CY23020-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23020-3 CYPRESS-CY23020-3 Datasheet
112Kb / 9P
   10-output, 400-MHz LVPECL Zero Delay Buffer
More results

Similar Description - CY23020-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
Z9960 CYPRESS-Z9960 Datasheet
253Kb / 7P
   2.5V/3.3V, 200 MHz Multi-Output Zero Delay Buffer
CY2V9950 CYPRESS-CY2V9950 Datasheet
251Kb / 9P
   2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
CY2V995 CYPRESS-CY2V995 Datasheet
281Kb / 10P
   S2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
CY23FP12-002 CYPRESS-CY23FP12-002 Datasheet
212Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12_11 Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12 Datasheet
201Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12_12 Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
CY23FP12-002 CYPRESS-CY23FP12-002_11 Datasheet
525Kb / 14P
   200-MHz Field Programmable Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com