Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1024AV33-10BGC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1024AV33-10BGC
Description  128K x 24 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1024AV33-10BGC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1024AV33-10BGC Datasheet HTML 1Page - Cypress Semiconductor CY7C1024AV33-10BGC Datasheet HTML 2Page - Cypress Semiconductor CY7C1024AV33-10BGC Datasheet HTML 3Page - Cypress Semiconductor CY7C1024AV33-10BGC Datasheet HTML 4Page - Cypress Semiconductor CY7C1024AV33-10BGC Datasheet HTML 5Page - Cypress Semiconductor CY7C1024AV33-10BGC Datasheet HTML 6Page - Cypress Semiconductor CY7C1024AV33-10BGC Datasheet HTML 7Page - Cypress Semiconductor CY7C1024AV33-10BGC Datasheet HTML 8Page - Cypress Semiconductor CY7C1024AV33-10BGC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CY7C1024AV33
Document #: 38-05149 Rev. *B
Page 5 of 11
Switching Characteristics[5] Over the Operating Range
7C1024AV33-10
7C1024AV33-12
7C1024AV33-15
Parameter
Description[3]
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
10
12
15
ns
tAA
Address to Data Valid
10
12
15
ns
tOHA
Data Hold from Address Change
3
3
3
ns
tACE
CE active to Data Valid
10
12
15
ns
tDOE
OE LOW to Data Valid
5
6
7
ns
tLZOE
OE LOW to Low Z
0
0
0
ns
tHZOE
OE HIGH to High Z[6, 7]
566
ns
tLZCE
CE active to Low Z[7]
33
3
ns
tHZCE
CE inactive to High Z[6, 7]
566
ns
tPU
CE active to Power-Up
0
0
0
ns
tPD
CE inactive to Power-Down
10
12
15
ns
WRITE CYCLE[8, 9]
tWC
Write Cycle Time
10
12
15
ns
tSCE
CE active to Write End
8
9
9
ns
tAW
Address Set-Up to Write End
7
8
8
ns
tHA
Address Hold from Write End
0
0
0
ns
tSA
Address Set-Up to Write Start
0
0
0
ns
tPWE
WE Pulse Width
7
8
8
ns
tSD
Data Set-Up to Write End
5
6
6
ns
tHD
Data Hold from Write End
0
0
0
ns
tLZWE
WE HIGH to Low Z[7]
33
3
ns
tHZWE
WE LOW to High Z[6, 7]
566
ns
Notes:
5.
Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOL/IOH and 30-pF load capacitance.
6.
tHZOE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (b) of AC Test Loads. Transition is measured ±500 mV from steady-state voltage.
7.
At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
8.
The internal write time of the memory is defined by the overlap of CE LOW and WE LOW. CE and WE must be LOW to initiate a write, and the transition of any of these
signals can terminate the write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the write.
9.
The minimum write cycle time for Write Cycle no. 3 (WE controlled, OE LOW) is the sum of tHZWE and tSD.


Similar Part No. - CY7C1024AV33-10BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1024DV33 CYPRESS-CY7C1024DV33 Datasheet
300Kb / 8P
   3-Mbit (128K X 24) Static RAM
CY7C1024DV33 CYPRESS-CY7C1024DV33 Datasheet
442Kb / 9P
   3-Mbit (128K X 24) Static RAM
CY7C1024DV33-10BGXI CYPRESS-CY7C1024DV33-10BGXI Datasheet
315Kb / 9P
   3-Mbit (128K X 24) Static RAM
CY7C1024DV33-8BGXC CYPRESS-CY7C1024DV33-8BGXC Datasheet
300Kb / 8P
   3-Mbit (128K X 24) Static RAM
CY7C1024DV33-8BGXC CYPRESS-CY7C1024DV33-8BGXC Datasheet
442Kb / 9P
   3-Mbit (128K X 24) Static RAM
More results

Similar Description - CY7C1024AV33-10BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1024DV33 CYPRESS-CY7C1024DV33 Datasheet
300Kb / 8P
   3-Mbit (128K X 24) Static RAM
CY7C1024DV33 CYPRESS-CY7C1024DV33_07 Datasheet
442Kb / 9P
   3-Mbit (128K X 24) Static RAM
CY7C1024DV33 CYPRESS-CY7C1024DV33_09 Datasheet
315Kb / 9P
   3-Mbit (128K X 24) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33 Datasheet
339Kb / 11P
   128K x 16 Static RAM
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com