Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT58L256V36F Datasheet(PDF) 1 Page - Micron Technology

Part # MT58L256V36F
Description  8Mb: 512K x 18, 256K x 32/36 FLOW-THROUGH SYNCBURST SRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT58L256V36F Datasheet(HTML) 1 Page - Micron Technology

  MT58L256V36F Datasheet HTML 1Page - Micron Technology MT58L256V36F Datasheet HTML 2Page - Micron Technology MT58L256V36F Datasheet HTML 3Page - Micron Technology MT58L256V36F Datasheet HTML 4Page - Micron Technology MT58L256V36F Datasheet HTML 5Page - Micron Technology MT58L256V36F Datasheet HTML 6Page - Micron Technology MT58L256V36F Datasheet HTML 7Page - Micron Technology MT58L256V36F Datasheet HTML 8Page - Micron Technology MT58L256V36F Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
8Mb: 512K x 18, 256K x 32/36 Flow-Through SyncBurst SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT58L512L18F_2.p65 – Rev. 7/00
©2000, Micron Technology, Inc.
8Mb: 512K x 18, 256K x 32/36
FLOW-THROUGH SYNCBURST SRAM
8Mb SYNCBURST
SRAM
FEATURES
• Fast clock and OE# access times
• Single +3.3V +0.3V/-0.165V power supply (VDD)
• Separate +3.3V or +2.5V isolated output buffer
supply (VDDQ)
• SNOOZE MODE for reduced-power standby
• Common data inputs and data outputs
• Individual BYTE WRITE control and GLOBAL
WRITE
• Three chip enables for simple depth expansion
and address pipelining
• Clock-controlled and registered addresses, data I/
Os and control signals
• Internally self-timed WRITE cycle
• Burst control (interleaved or linear burst)
• Automatic power-down for portable applications
• 100-pin TQFP package
• 165-pin FBGA
• Low capacitive bus loading
• x18, x32, and x36 versions available
OPTIONS
MARKING*
• Timing (Access/Cycle/MHz)
7.5ns/8.8ns/113 MHz
-7.5
8.5ns/10ns/100 MHz
-8.5
10ns/15ns/66 MHz
-10
• Configurations
3.3V I/O
512K x 18
MT58L512L18F
256K x 32
MT58L256L32F
256K x 36
MT58L256L36F
2.5V I/O
512K x 18
MT58L512V18F
256K x 32
MT58L256V32F
256K x 36
MT58L256V36F
• Packages
100-pin TQFP (2-chip enable)
T
100-pin TQFP (3-chip enable)
S
165-pin, 13mm x 15mm FBGA
F
• Operating Temperature Range
Commercial (0°C to +70°C)
None
Part Number Example:
MT58L256V36FT-10
* A Part Marking Guide for the FBGA devices can be found on Micron's
web site—http://www.micronsemi.com/support/index.html.
MT58L512L18F, MT58L256L32F,
MT58L256L36F; MT58L512V18F,
MT58L256V32F, MT58L256V36F
3.3V VDD, 3.3V or 2.5V I/O, Flow-Through
*JEDEC-standard MS-026 BHA (LQFP).
100-Pin TQFP*
165-Pin FBGA
(Preliminary Package Data)
GENERAL DESCRIPTION
The Micron® SyncBurstSRAM family employs
high-speed, low-power CMOS designs that are fabri-
cated using an advanced CMOS process.
Micron’s 8Mb SyncBurst SRAMs integrate a 512K x
18, 256K x 32, or 256K x 36 SRAM core with advanced
synchronous peripheral circuitry and a 2-bit burst
counter. All synchronous inputs pass through registers
controlled by a positive-edge-triggered single-clock in-
put (CLK). The synchronous inputs include all ad-
dresses, all data inputs, active LOW chip enable (CE#),
two additional chip enables for easy depth expansion
(CE2#, CE2), burst control inputs (ADSC#, ADSP#,


Similar Part No. - MT58L256V36F

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT58L256V36P MICRON-MT58L256V36P Datasheet
393Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 PIPELINED, SCD SYNCBURST SRAM
More results

Similar Description - MT58L256V36F

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT58L256V36P MICRON-MT58L256V36P Datasheet
393Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 PIPELINED, SCD SYNCBURST SRAM
MT58L128V36F1 MICRON-MT58L128V36F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT58L256L36D MICRON-MT58L256L36D Datasheet
546Kb / 26P
   8Mb: 512K x 18, 256K x 32/36 3.3V I/O, PIPELINED, DCD SYNCBURST SRAM
logo
AMIC Technology
A67L93181 AMICC-A67L93181 Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
logo
Micron Technology
MT58L128L18F MICRON-MT58L128L18F Datasheet
481Kb / 24P
   2Mb: 128K x 18, 64K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Cypress Semiconductor
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
logo
AMIC Technology
A67P93181 AMICC-A67P93181_15 Datasheet
251Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
logo
Cypress Semiconductor
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_09 Datasheet
517Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C_2009 CYPRESS-CY7C1361C_2009 Datasheet
1Mb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com