Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT58L256L32F Datasheet(PDF) 9 Page - Micron Technology

Part # MT58L256L32F
Description  8Mb: 512K x 18, 256K x 32/36 FLOW-THROUGH SYNCBURST SRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT58L256L32F Datasheet(HTML) 9 Page - Micron Technology

Back Button MT58L256L32F Datasheet HTML 5Page - Micron Technology MT58L256L32F Datasheet HTML 6Page - Micron Technology MT58L256L32F Datasheet HTML 7Page - Micron Technology MT58L256L32F Datasheet HTML 8Page - Micron Technology MT58L256L32F Datasheet HTML 9Page - Micron Technology MT58L256L32F Datasheet HTML 10Page - Micron Technology MT58L256L32F Datasheet HTML 11Page - Micron Technology MT58L256L32F Datasheet HTML 12Page - Micron Technology MT58L256L32F Datasheet HTML 13Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
9
8Mb: 512K x 18, 256K x 32/36 Flow-Through SyncBurst SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT58L512L18F_2.p65 – Rev. 7/00
©2000, Micron Technology, Inc.
8Mb: 512K x 18, 256K x 32/36
FLOW-THROUGH SYNCBURST SRAM
PIN LAYOUT (TOP VIEW)
165-PIN FBGA
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
2
CE#
CE2
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
SA
SA
SA
SA
NC
DQb
DQb
DQb
DQb
VSS
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
VSS
DQb
DQb
DQb
DQb
DQPb
NC
MODE
(LBO#)
BWb#
NC
VSS
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VSS
SA
SA
NC
BWa#
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
DNU
DNU
CE2#
CLK
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
SA1
SA0
BWE#
GW#
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
DNU
DNU
ADSC#
OE# (G#)
VSS
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VSS
SA
SA
ADV#
ADSP#
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
SA
SA
SA
SA
NC
NC
NC
NC
NC
NC
DQa
DQa
DQa
DQa
NC
SA
SA
SA
NC
DQPa
DQa
DQa
DQa
DQa
ZZ
NC
NC
NC
NC
NC
SA
SA
TOP VIEW
3456789
10
11
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
2
CE#
CE2
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
SA
SA
SA
SA
NC
DQc
DQc
DQc
DQc
VSS
DQd
DQd
DQd
DQd
NC
NC
NC
NC
NC
NC/DQPc
DQc
DQc
DQc
DQc
VSS
DQd
DQd
DQd
DQd
NC/DQPd
NC
MODE
(LBO#)
BWc#
BWd#
VSS
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VSS
SA
SA
BWb#
BWa#
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
DNU
DNU
CE2#
CLK
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
SA1
SA0
BWE#
GW#
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
DNU
DNU
ADSC#
OE# (G#)
VSS
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VSS
SA
SA
ADV#
ADSP#
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
SA
SA
SA
SA
NC
DQb
DQb
DQb
DQb
NC
DQa
DQa
DQa
DQa
NC
SA
SA
NC
NC
NC/DQPb
DQb
DQb
DQb
DQb
ZZ
DQa
DQa
DQa
DQa
NC/DQPa
SA
SA
TOP VIEW
3456789
10
11
1
x18
x32/x36
*No Connect (NC) is used on the x32 version. Parity (DQPx) is used on the x36 version.
NOTE: Pin 6N reserved for address pin expansion; 16Mb.


Similar Part No. - MT58L256L32F

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT58L256L32D MICRON-MT58L256L32D Datasheet
546Kb / 26P
   8Mb: 512K x 18, 256K x 32/36 3.3V I/O, PIPELINED, DCD SYNCBURST SRAM
MT58L256L32P MICRON-MT58L256L32P Datasheet
393Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 PIPELINED, SCD SYNCBURST SRAM
More results

Similar Description - MT58L256L32F

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT58L256V36P MICRON-MT58L256V36P Datasheet
393Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 PIPELINED, SCD SYNCBURST SRAM
MT58L128V36F1 MICRON-MT58L128V36F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT58L256L36D MICRON-MT58L256L36D Datasheet
546Kb / 26P
   8Mb: 512K x 18, 256K x 32/36 3.3V I/O, PIPELINED, DCD SYNCBURST SRAM
logo
AMIC Technology
A67L93181 AMICC-A67L93181 Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
logo
Micron Technology
MT58L128L18F MICRON-MT58L128L18F Datasheet
481Kb / 24P
   2Mb: 128K x 18, 64K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Cypress Semiconductor
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
logo
AMIC Technology
A67P93181 AMICC-A67P93181_15 Datasheet
251Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
logo
Cypress Semiconductor
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_09 Datasheet
517Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C_2009 CYPRESS-CY7C1361C_2009 Datasheet
1Mb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com