Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B822P Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # B822P
Description  Surface Mount Zero Bias Schottky
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B822P Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B822P Datasheet HTML 1Page - List of Unclassifed Manufacturers B822P Datasheet HTML 2Page - List of Unclassifed Manufacturers B822P Datasheet HTML 3Page - List of Unclassifed Manufacturers B822P Datasheet HTML 4Page - List of Unclassifed Manufacturers B822P Datasheet HTML 5Page - List of Unclassifed Manufacturers B822P Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Bay Linear, Inc 2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B8220
SOT-23/SOT-143 Package
Lead Code Identification (top view)
COMMON
ANODE
COMMON
CATHODE
3
12
UNCONNECTED
PAIR
3
12
3
12
SINGLE
3
12
SERIES
RING
QUAD
BRIDGE
QUAD
CROSS-OVER
QUAD
SERIES
SOT-323 Package Lead
Code Identification (top view)
SINGLE
3
12
3
12
3
12
COMMON
ANODE
COMMON
CATHODE
3
12
SOT-363 Package 6 Lead
Code Identification (top view)
UNCONNECTED
TRIO
1
3
5
6
2
4
UNCONNECTED
TRIO
1
3
5
6
2
4
HIGH ISOLATION
UNCONNECTED PAIR
1
3
5
6
2
4
RING
QUAD
1
3
5
6
2
4
RING
QUAD
1
3
5
6
2
4
COMMON
CATHODE QUAD
1
3
5
6
2
4
COMMON
CATHODE QUAD
1
3
5
6
2
4
1
3
5
6
2
4
COMMON
ANODE QUAD
1
3
5
6
2
4
COMMON
ANODE QUAD
BRIDGE
QUAD
1
3
5
6
2
4
BRIDGE
QUAD
1
3
5
6
2
4


Similar Part No. - B822P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B8226G24V4H ETC2-B8226G24V4H Datasheet
642Kb / 2P
   Best 1U dual-socket SMP server implementation with high power-efficiency and overall performance
B8226G24W4H ETC2-B8226G24W4H Datasheet
642Kb / 2P
   Best 1U dual-socket SMP server implementation with high power-efficiency and overall performance
B8228Y190X2-045V4H ETC2-B8228Y190X2-045V4H Datasheet
562Kb / 2P
   High-Density 1U dual-socket SMP server implementation for IPDC applications
More results

Similar Description - B822P

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMS-285L BOARDCOM-HSMS-285L Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
HSMS-2855 BOARDCOM-HSMS-2855 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
DEMO-HSMS285-0 BOARDCOM-DEMO-HSMS285-0 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
HSMS-285P BOARDCOM-HSMS-285P Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
HSMS-2850 BOARDCOM-HSMS-2850 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
M/A-COM Technology Solu...
MA4E2200 MA-COM-MA4E2200 Datasheet
104Kb / 7P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-285X AVAGO-HSMS-285X Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
Broadcom Corporation.
HSMS-285C BOARDCOM-HSMS-285C Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
Agilent(Hewlett-Packard...
HSMS2855 HP-HSMS2855 Datasheet
108Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
M/A-COM Technology Solu...
MA4E220 MA-COM-MA4E220 Datasheet
705Kb / 8P
   Surface Mount Zero Bias Schottky Detector Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com