Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX10E80501 Datasheet(PDF) 5 Page - Macronix International

Part # MX10E80501
Description  On-chip Flash program memory with in-system programming
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX10E80501 Datasheet(HTML) 5 Page - Macronix International

  MX10E80501 Datasheet HTML 1Page - Macronix International MX10E80501 Datasheet HTML 2Page - Macronix International MX10E80501 Datasheet HTML 3Page - Macronix International MX10E80501 Datasheet HTML 4Page - Macronix International MX10E80501 Datasheet HTML 5Page - Macronix International MX10E80501 Datasheet HTML 6Page - Macronix International MX10E80501 Datasheet HTML 7Page - Macronix International MX10E80501 Datasheet HTML 8Page - Macronix International MX10E80501 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
5
P/N:PM0887
MX10E8050I /
Specifications subject to change without notice, contact your sales representatives for the most update information.
PRELIMINARY
MX10E8050IA
REV. 1.6, MAR. 28, 2005
13-19
7-13
pull-ups. Port 3 pins that have 1s written to them are pulled
high with the internal pull-ups and can be used as inputs. As
inputs, Port 3 pins that are externally pulled low will source
current because of the internal pull-ups. Port 3 also serves
the special features of MX10E8050I family, as listed below:
10
11
5
I
RxD (P3.0) : Serial input port
11
13
7
O
TxD (P3.1) : Serial output port
12
14
8
I
INT0 (P3.2) : External interrupt 0
13
15
9
I
INT1 (P3.3) : External interrupt 1
14
16
10
I
T0 (P3.4) : Timer 0 external input
15
17
11
I
T1 (P3.5) : Timer 1 external input
16
18
12
O
WR (P3.6) : External data memory write strobe
17
19
14
O
RD (P3.7) : External data memory read strobe
P4.0~P4.3
I/O
Port 4: Port 4 is an 4-bit bi-directional I/O port with internal
pull-ups. Port 4 pins that have 1s written to them are pulled
high with the internal pull-ups and can be used as inputs. As
inputs, Port 4 pins that are externally pulled low will source
current because of the internal pull-ups. Port 4 also serves
the special features of MX10E8050I family, as listed below:
P4.0
23
17
I
PWM0 (P4.0) : PWM module output 0
P4.1
34
28
I
PWM1 (P4.1) : PWM module output 1
P4.2
1
39
I
PWM2 (P4.2) : PWM module output 2
P4.3
12
6
I
PWM3 (P4.3) : PWM module output 3
RST
9
10
4
I
Reset : A high on this pin for eight machine cycles while the
oscillator is running, reset the devices.
ALE
30
33
27
O
Address Latch Enable: Output pulse for latching the low byte
of the address during an access to external memory. In
normal operation, ALE is emitted at constant rate of 1/6 the
oscillator frequency in 12x clock mode. 1/3 the oscillator
frequency in 6x clock mode, and can be used for external
timing or clocking. Note that one ALE pulse is skipped during
each access to external data memory.
PSEN
29
32
26
O
Program Strobe Enable: The read strobe to external program
memory. When executing code from external program
memory, PSEN is activated twice each machine cycle.,
except the two PSEN activation are skipped during each
access to external data memory. PSEN is not activated
during fetch from internal program memory.
EA
31
35
15
I
External Access Enable/ Programming Supply Voltage: EA
must be external held low to enable the device to fetch code
from external program memory locations 0000H and FFFFH
for 64 K devices.
XTAL 1
19
21
15
I
Crystal 1: Input to the inverting oscillator amplifier and input
to the internal clock generator circuits.
XTAL 2
18
20
14
O
Crystal 2: Output from the inverting oscillator amplifier.


Similar Part No. - MX10E80501

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX10EXA MCNIX-MX10EXA Datasheet
473Kb / 55P
   XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
MX10EXAQC MCNIX-MX10EXAQC Datasheet
473Kb / 55P
   XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
MX10EXAQCG MCNIX-MX10EXAQCG Datasheet
473Kb / 55P
   XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
MX10EXAUC MCNIX-MX10EXAUC Datasheet
473Kb / 55P
   XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
MX10EXAUCG MCNIX-MX10EXAUCG Datasheet
473Kb / 55P
   XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
More results

Similar Description - MX10E80501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SX28 ETC-SX28 Datasheet
688Kb / 52P
   Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
SX48BD ETC-SX48BD Datasheet
873Kb / 58P
   Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability, and On-Chip Debug
logo
SyncMOS Technologies,In...
SM39R04G1 SYNCMOS-SM39R04G1 Datasheet
627Kb / 47P
   4K Bytes on-chip flash program memory
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_14 Datasheet
1Mb / 104P
   64K bytes On-chip Flash Program/Data Memory
logo
SyncMOS Technologies,In...
SM39R16A3 SYNCMOS-SM39R16A3 Datasheet
1Mb / 87P
   16KB on-chip program memory
logo
ATMEL Corporation
AT89S8253 ATMEL-AT89S8253_14 Datasheet
1Mb / 2P
   12K Bytes of In-System Programmable (ISP) Flash Program Memory
AT89C5131 ATMEL-AT89C5131_14 Datasheet
2Mb / 5P
   32-Kbyte On-chip Flash In-System Programming through USB or UART
logo
Freescale Semiconductor...
AN2635 FREESCALE-AN2635 Datasheet
148Kb / 36P
   On-Chip FLASH Programming Routines
logo
ATMEL Corporation
AT89S2051 ATMEL-AT89S2051_14 Datasheet
1Mb / 46P
   2K/4K Bytes of In-System Programmable (ISP) Flash Program Memory
AT89S4051 ATMEL-AT89S4051_14 Datasheet
1Mb / 46P
   2K/4K Bytes of In-System Programmable (ISP) Flash Program Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com