Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT58L512V18F Datasheet(PDF) 4 Page - Micron Technology

Part # MT58L512V18F
Description  8Mb: 512K x 18, 256K x 32/36 FLOW-THROUGH SYNCBURST SRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT58L512V18F Datasheet(HTML) 4 Page - Micron Technology

  MT58L512V18F Datasheet HTML 1Page - Micron Technology MT58L512V18F Datasheet HTML 2Page - Micron Technology MT58L512V18F Datasheet HTML 3Page - Micron Technology MT58L512V18F Datasheet HTML 4Page - Micron Technology MT58L512V18F Datasheet HTML 5Page - Micron Technology MT58L512V18F Datasheet HTML 6Page - Micron Technology MT58L512V18F Datasheet HTML 7Page - Micron Technology MT58L512V18F Datasheet HTML 8Page - Micron Technology MT58L512V18F Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
8Mb: 512K x 18, 256K x 32/36 Flow-Through SyncBurst SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT58L512L18F_2.p65 – Rev. 7/00
©2000, Micron Technology, Inc.
8Mb: 512K x 18, 256K x 32/36
FLOW-THROUGH SYNCBURST SRAM
TQFP PIN ASSIGNMENT TABLE
PIN #
x18
x32/x36
1
NC
NC/DQPc*
2NC
DQc
3NC
DQc
4VDDQ
5VSS
6NC
DQc
7NC
DQc
8
DQb
DQc
9
DQb
DQc
10
VSS
11
VDDQ
12
DQb
DQc
13
DQb
DQc
14
VSS
15
VDD
16
NC
17
VSS
18
DQb
DQd
19
DQb
DQd
20
VDDQ
21
VSS
22
DQb
DQd
23
DQb
DQd
24
DQPb
DQd
25
NC
DQd
PIN #
x18
x32/x36
PIN #
x18
x32/x36
PIN #
x18
x32/x36
*No Connect (NC) is used on the x32 version. Parity (DQPx) is used on the x36 version.
51
NC
NC/DQPa*
52
NC
DQa
53
NC
DQa
54
VDDQ
55
VSS
56
NC
DQa
57
NC
DQa
58
DQa
59
DQa
60
VSS
61
VDDQ
62
DQa
63
DQa
64
ZZ
65
VDD
66
NC
67
VSS
68
DQa
DQb
69
DQa
DQb
70
VDDQ
71
VSS
72
DQa
DQb
73
DQa
DQb
74
DQPa
DQb
75
NC
DQb
26
VSS
27
VDDQ
28
NC
DQd
29
NC
DQd
30
NC
NC/DQPd*
31
MODE
32
SA
33
SA
34
SA
35
SA
36
SA1
37
SA0
38
DNU
39
DNU
40
VSS
41
VDD
42
NF
43
NF (T Version)
SA (S Version)
44
SA
45
SA
46
SA
47
SA
48
SA
49
SA
50
SA
76
VSS
77
VDDQ
78
NC
DQb
79
NC
DQb
80
SA
NC/DQPb*
81
SA
82
SA
83
ADV#
84
ADSP#
85
ADSC#
86
OE#
87
BWE#
88
GW#
89
CLK
90
VSS
91
VDD
92
SA (T Version)
CE2# (S Version)
93
BWa#
94
BWb#
95
NC
BWc#
96
NC
BWd#
97
CE2
98
CE#
99
SA
100
SA


Similar Part No. - MT58L512V18F

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT58L512V18P MICRON-MT58L512V18P Datasheet
393Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 PIPELINED, SCD SYNCBURST SRAM
More results

Similar Description - MT58L512V18F

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT58L256V36P MICRON-MT58L256V36P Datasheet
393Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 PIPELINED, SCD SYNCBURST SRAM
MT58L128V36F1 MICRON-MT58L128V36F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT58L256L36D MICRON-MT58L256L36D Datasheet
546Kb / 26P
   8Mb: 512K x 18, 256K x 32/36 3.3V I/O, PIPELINED, DCD SYNCBURST SRAM
logo
AMIC Technology
A67L93181 AMICC-A67L93181 Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
logo
Micron Technology
MT58L128L18F MICRON-MT58L128L18F Datasheet
481Kb / 24P
   2Mb: 128K x 18, 64K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Cypress Semiconductor
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
logo
AMIC Technology
A67P93181 AMICC-A67P93181_15 Datasheet
251Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
logo
Cypress Semiconductor
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_09 Datasheet
517Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C_2009 CYPRESS-CY7C1361C_2009 Datasheet
1Mb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com