Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT58L256L36P Datasheet(PDF) 9 Page - Micron Technology

Part # MT58L256L36P
Description  8Mb: 512K x 18, 256K x 32/36 PIPELINED, SCD SYNCBURST SRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT58L256L36P Datasheet(HTML) 9 Page - Micron Technology

Back Button MT58L256L36P Datasheet HTML 5Page - Micron Technology MT58L256L36P Datasheet HTML 6Page - Micron Technology MT58L256L36P Datasheet HTML 7Page - Micron Technology MT58L256L36P Datasheet HTML 8Page - Micron Technology MT58L256L36P Datasheet HTML 9Page - Micron Technology MT58L256L36P Datasheet HTML 10Page - Micron Technology MT58L256L36P Datasheet HTML 11Page - Micron Technology MT58L256L36P Datasheet HTML 12Page - Micron Technology MT58L256L36P Datasheet HTML 13Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
9
8Mb: 512K x 18, 256K x 32/36 Pipelined, SCD SyncBurst SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT58L512L18P_C.p65 – Rev. 2/02
©2002, Micron Technology, Inc.
8Mb: 512K x 18, 256K x 32/36
PIPELINED, SCD SYNCBURST SRAM
PIN LAYOUT (TOP VIEW)
165-PIN FBGA
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
2
CE#
CE2
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
SA
SA
SA
SA
NC
DQb
DQb
DQb
DQb
VSS
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
VDD
DQb
DQb
DQb
DQb
NF/DQPb
NC
MODE
(LBO#)
BWb#
NC
VSS
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VSS
SA
SA
NC
BWa#
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
DNU
DNU
CE2#
CLK
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
SA1
SA0
BWE#
GW#
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
DNU
DNU
ADSC#
OE# (G#)
VSS
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VSS
SA
SA
ADV#
ADSP#
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
SA
SA
SA
SA
NC
NC
NC
NC
NC
NC
DQa
DQa
DQa
DQa
NC
SA
SA
SA
NC
NF/DQPa
DQa
DQa
DQa
DQa
ZZ
NC
NC
NC
NC
NC
SA
SA
TOP VIEW
3456789
10
11
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
2
CE#
CE2
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
SA
SA
SA
SA
NC
DQc
DQc
DQc
DQc
VSS
DQd
DQd
DQd
DQd
NC
NC
NC
NC
NC
NF/DQPc
DQc
DQc
DQc
DQc
VDD
DQd
DQd
DQd
DQd
NF/DQPd
NC
MODE
(LBO#)
BWc#
BWd#
VSS
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VSS
SA
SA
BWb#
BWa#
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
DNU
DNU
CE2#
CLK
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
SA1
SA0
BWE#
GW#
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
DNU
DNU
ADSC#
OE# (G#)
VSS
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VSS
SA
SA
ADV#
ADSP#
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
SA
SA
SA
SA
NC
DQb
DQb
DQb
DQb
NC
DQa
DQa
DQa
DQa
NC
SA
SA
NC
NC
NF/DQPb
DQb
DQb
DQb
DQb
ZZ
DQa
DQa
DQa
DQa
NF/DQPa
SA
SA
TOP VIEW
3456789
10
11
1
x18
x32/x36
*No Function (NF) is used on the x32 version. Parity (DQPx) is used on the x36 version.


Similar Part No. - MT58L256L36P

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT58L256L36D MICRON-MT58L256L36D Datasheet
546Kb / 26P
   8Mb: 512K x 18, 256K x 32/36 3.3V I/O, PIPELINED, DCD SYNCBURST SRAM
MT58L256L36F MICRON-MT58L256L36F Datasheet
475Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 FLOW-THROUGH SYNCBURST SRAM
More results

Similar Description - MT58L256L36P

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT58L256V36F MICRON-MT58L256V36F Datasheet
475Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT58L256L36D MICRON-MT58L256L36D Datasheet
546Kb / 26P
   8Mb: 512K x 18, 256K x 32/36 3.3V I/O, PIPELINED, DCD SYNCBURST SRAM
logo
Cypress Semiconductor
CY7C1366A CYPRESS-CY7C1366A Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
logo
GSI Technology
GS880E18T GSI-GS880E18T Datasheet
852Kb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
logo
Cypress Semiconductor
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
logo
GSI Technology
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
logo
Cypress Semiconductor
CY7C1360A CYPRESS-CY7C1360A Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
logo
AMIC Technology
A67P9318 AMICC-A67P9318_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com