Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT58L256V32F Datasheet(PDF) 3 Page - Micron Technology

Part # MT58L256V32F
Description  8Mb: 512K x 18, 256K x 32/36 FLOW-THROUGH SYNCBURST SRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT58L256V32F Datasheet(HTML) 3 Page - Micron Technology

  MT58L256V32F Datasheet HTML 1Page - Micron Technology MT58L256V32F Datasheet HTML 2Page - Micron Technology MT58L256V32F Datasheet HTML 3Page - Micron Technology MT58L256V32F Datasheet HTML 4Page - Micron Technology MT58L256V32F Datasheet HTML 5Page - Micron Technology MT58L256V32F Datasheet HTML 6Page - Micron Technology MT58L256V32F Datasheet HTML 7Page - Micron Technology MT58L256V32F Datasheet HTML 8Page - Micron Technology MT58L256V32F Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3
8Mb: 512K x 18, 256K x 32/36 Flow-Through SyncBurst SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT58L512L18F_2.p65 – Rev. 7/00
©2000, Micron Technology, Inc.
8Mb: 512K x 18, 256K x 32/36
FLOW-THROUGH SYNCBURST SRAM
ADV#), byte write enables (BWx#) and global write
(GW#). Note that CE2# is not available on the
T Version.
Asynchronous inputs include the output enable
(OE#), clock (CLK) and snooze enable (ZZ). There is also
a burst mode input (MODE) that selects between inter-
leaved and linear burst modes. The data-out (Q), en-
abled by OE#, is also asynchronous. WRITE cycles can
be from one to two bytes wide (x18) or from one to four
bytes wide (x32/x36), as controlled by the write control
inputs.
Burst operation can be initiated with either address
status processor (ADSP#) or address status controller
(ADSC#) inputs. Subsequent burst addresses can be
internally generated as controlled by the burst advance
input (ADV#).
Address and write control are registered on-chip to
simplify WRITE cycles. This allows self-timed WRITE
cycles. Individual byte enables allow individual bytes
to be written. During WRITE cycles on the x18 device,
BWa# controls DQa’s and DQPa; BWb# controls DQb’s
and DQPb. During WRITE cycles on the x32 and x36
GENERAL DESCRIPTION (continued)
devices, BWa# controls DQa’s and DQPa; BWb# con-
trols DQb’s and DQPb; BWc# controls DQc’s and DQPc;
BWd# controls DQd’s and DQPd. GW# LOW causes all
bytes to be written. Parity bits are only available on the
x18 and x36 versions.
Micron’s 8Mb SyncBurst SRAMs operate from a
+3.3V VDD power supply, and all inputs and outputs are
TTL-compatible. Users can choose either a 3.3V or 2.5V
I/O version. The device is ideally suited for 486,
Pentium®, 680x0 and PowerPC systems and those sys-
tems that benefit from a wide synchronous data bus.
The device is also ideal in generic 16-, 18-, 32-, 36-, 64-,
and 72-bit-wide applications.
Please
refer
to
Micron’S
Web
site
(www.micronsemi.com/datasheets/syncds.html) for the
latest data sheet.
TQFP PINOUTS
At the time of the writing of this data sheet, there are
two pinouts in the industry. Micron will support both
pinouts for this part.


Similar Part No. - MT58L256V32F

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT58L256V32P MICRON-MT58L256V32P Datasheet
393Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 PIPELINED, SCD SYNCBURST SRAM
More results

Similar Description - MT58L256V32F

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT58L256V36P MICRON-MT58L256V36P Datasheet
393Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 PIPELINED, SCD SYNCBURST SRAM
MT58L128V36F1 MICRON-MT58L128V36F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT58L256L36D MICRON-MT58L256L36D Datasheet
546Kb / 26P
   8Mb: 512K x 18, 256K x 32/36 3.3V I/O, PIPELINED, DCD SYNCBURST SRAM
logo
AMIC Technology
A67L93181 AMICC-A67L93181 Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
logo
Micron Technology
MT58L128L18F MICRON-MT58L128L18F Datasheet
481Kb / 24P
   2Mb: 128K x 18, 64K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Cypress Semiconductor
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
logo
AMIC Technology
A67P93181 AMICC-A67P93181_15 Datasheet
251Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
logo
Cypress Semiconductor
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_09 Datasheet
517Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C_2009 CYPRESS-CY7C1361C_2009 Datasheet
1Mb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com