Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V3611 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT72V3611
Description  3.3 VOLT CMOS SyncFIFO 64 x 36
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3611 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT72V3611 Datasheet HTML 1Page - Integrated Device Technology IDT72V3611 Datasheet HTML 2Page - Integrated Device Technology IDT72V3611 Datasheet HTML 3Page - Integrated Device Technology IDT72V3611 Datasheet HTML 4Page - Integrated Device Technology IDT72V3611 Datasheet HTML 5Page - Integrated Device Technology IDT72V3611 Datasheet HTML 6Page - Integrated Device Technology IDT72V3611 Datasheet HTML 7Page - Integrated Device Technology IDT72V3611 Datasheet HTML 8Page - Integrated Device Technology IDT72V3611 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
IDT72V3611 3.3V, CMOS SyncFIFOTM
64 x 36
COMMERCIALTEMPERATURERANGE
PQFP (PQ132-1, order code: PQF)
TOP VIEW
GND
AE
EF
B0
B1
B2
GND
B3
B4
B5
B6
VCC
B7
B8
B9
GND
B10
B11
VCC
B12
B13
B14
GND
B15
B16
B17
B18
B19
B20
GND
B21
B22
B23
GND
NC
NC
A0
A1
A2
GND
A3
A4
A5
A6
VCC
A7
A8
A9
GND
A10
A11
VCC
A12
A13
A14
GND
A15
A16
A17
A18
A19
A20
GND
A21
A22
A23
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
116
115
114
113
112
111
110
109
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
4657 drw 03
*
*Electrical pin 1 in center of beveled edge. Pin 1 identifier in corner.
PIN CONFIGURATION (CONTINUED)
NOTE:
1. NC = No internal connection


Similar Part No. - IDT72V3611

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V36110 IDT-IDT72V36110 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V36110 IDT-IDT72V36110 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V36110 IDT-IDT72V36110 Datasheet
310Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II
IDT72V36110L10BB IDT-IDT72V36110L10BB Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V36110L10BBI IDT-IDT72V36110L10BBI Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
More results

Similar Description - IDT72V3611

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723611 IDT-IDT723611 Datasheet
236Kb / 20P
   CMOS SyncFIFO 64 x 36
logo
Renesas Technology Corp
72V3611 RENESAS-72V3611 Datasheet
253Kb / 20P
   3.3 VOLT CMOS SyncFIFOTM 64 x 36
Feb.10.20
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
logo
Renesas Technology Corp
72V3612 RENESAS-72V3612 Datasheet
291Kb / 25P
   3.3 VOLT CMOS SyncBiFIFOTM 64 x 36 x 2
Feb.19.20
logo
Integrated Device Techn...
IDT72V205 IDT-IDT72V205_13 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com