Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KH42HM2-961 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # KH42HM2-961
Description  KH56QM2-951
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

KH42HM2-961 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  KH42HM2-961 Datasheet HTML 1Page - List of Unclassifed Manufacturers KH42HM2-961 Datasheet HTML 2Page - List of Unclassifed Manufacturers KH42HM2-961 Datasheet HTML 3Page - List of Unclassifed Manufacturers KH42HM2-961 Datasheet HTML 4Page - List of Unclassifed Manufacturers KH42HM2-961 Datasheet HTML 5Page - List of Unclassifed Manufacturers KH42HM2-961 Datasheet HTML 6Page - List of Unclassifed Manufacturers KH42HM2-961 Datasheet HTML 7Page - List of Unclassifed Manufacturers KH42HM2-961 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
■コネクタリード
■外形図
)
(42
LL
±0.2
31
±0.5
24
±0.2
2
ピン番号
1 3 5 7 9 11
深め3.8MIN.
4-M3×0.5
ネ−ムプレ−ト
ハウジング:PHR-11(JST)
コンタクト SPH-002T-P0.5S
±0.5
24
±0.2
2
±0.2
15
±0.2
15
)
(16
ネ−ムプレ−ト
[両軸]
[片軸]
PIN No.
No.11
No.1
300
+40
0
(3.5)
C-21
KHシリーズ
2相
ステッピングモータ
&ドライバ
■結線方法
BLACK
RED
BLOWN
YELLOW
BLUE
ORANGE
PHR-11(PIN NO.)
1
3
5
7
9
11
励磁相(PHASE)
A
A com
AB
B com
B
リード線色
赤茶黄青橙
COROR OF LEAD
BLACK RED BLOWN YELLOW BLUE ORANGE
下記励磁シーケンスにて、出力軸側より見て
時計方向回転
回転方向確認用励磁シーケンス
STEP
1234
黒 BLACK
黄 YELLOW
茶 BROWN
橙 ORANGE
赤 RED
青 BLOW
機種名
L(mm)
KH42HM2-
34
KH42JM2-
40
KH42KM2-
50
ハイブリット型
ステッピングモータ
■コネクタ仕様
KH42
シリーズ
メーカ名
日本圧着端子(JST)
ハウジング型式
PHR-11
コンタクト型式
SPH-002T-P0.5SまたはBPH-
002T-P0.5S
リード線
AWG#26,UL3266
質量(g)
200
260
360


Similar Part No. - KH42HM2-961

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KH42HM2-901 ETC1-KH42HM2-901 Datasheet
135Kb / 2P
   KH42 SERIES
KH42HM2-902 ETC1-KH42HM2-902 Datasheet
135Kb / 2P
   KH42 SERIES
KH42HM2-903 ETC1-KH42HM2-903 Datasheet
135Kb / 2P
   KH42 SERIES
KH42HM2-911 ETC1-KH42HM2-911 Datasheet
135Kb / 2P
   KH42 SERIES
KH42HM2-912 ETC1-KH42HM2-912 Datasheet
135Kb / 2P
   KH42 SERIES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com