Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMT810 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMT810
Description  High Performance Infrared TOP IR LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMT810 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMT810 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMT810 High Performance Infrared TOP IR LED
SMT810 consists of an AlGaAs LED mounted on the lead frame as TOP LED package
and is 10mW typical of output power.
It emits a spectral band of radiation at 810nm.
♦Outer dimension(Unit:mm)
♦Specifications
1) Product Name
TOP IR LED
2) Type No.
SMT810
3) Chip
(1) Chip Material
AlGaAs
(2) Peak Wavelength
810nm typ.
4) Package
(1) Lead Frame Die
Silver Plated
(2) Package Resin
PPA Resin
(3) Lens
Epoxy Resin
♦Absolute Maximum Rating
Item
Symbol
Maximum Rated Value
Unit
Ambient Temperature
Power Dissipation
PD
190
mW
Ta=25°C
Forward Current
IF
100
mA
Ta=25°C
Pulse Forward Current
IFP
500
mA
Ta=25°C
Reverse Voltage
VR
5
V
Ta=25°C
Operating Temperature
TOPR
-20 ~ +80
°C
Storage Temperature
TSTG
-30 ~ +80
°C
Soldering Temperature
TSOL
240
°C
Pulse Forward Current condition: Duty=1% and Pulse Width=10us.
Soldering condition: Soldering condition must be completed within 3 seconds at 230°C
♦Electro-Optical Characteristics [Ta=25°C]
Item
Symbol
Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF=50mA
1.60
1.80
V
Reverse Current
IR
VR=5V
10
uA
Total Radiated Power
PO
IF=50mA
5.0
10.0
mW
Radiant Intensity
IE
IF=50mA
3.0
6.0
mW/sr
Peak Wavelength
λP
IF=50mA
810
nm
Half Width
Δλ
IF=50mA
40
nm
Viewing Half Angle
θ 1/2
IF=50mA
±55
deg.
Rise Time
tr
F=50mA
60
ns
Fall Time
tf
F=50mA
40
ns
Total Radiated Power is measured by Photodyne #500
Radiant Intensity is measured by Tektronix J-6512.
Marubeni America Corporation
3945 Freedom Circle, Suite 1000, Santa Clara, CA 95054
408-330-0650 (Ext. 323), 408-330-0655 (Fax), sales@tech-led.com


Similar Part No. - SMT810

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SMT80C2 EMERSON-NETWORKPOWER-SMT80C2 Datasheet
933Kb / 20P
   SIL/SMT80C2 Series
logo
Artesyn Technologies
SMT80C2-00SADJJ ARTESYN-SMT80C2-00SADJJ Datasheet
1Mb / 6P
   POWER C-Class Non-Isolated; 80 Amps
logo
Frontier Electronics.
SMT82-1A FRONTIER-SMT82-1A Datasheet
115Kb / 2P
   Surface Mount Transformer/Inductor
SMT82-1A-LFR FRONTIER-SMT82-1A-LFR Datasheet
115Kb / 2P
   Surface Mount Transformer/Inductor
SMT82-1MA FRONTIER-SMT82-1MA Datasheet
115Kb / 2P
   Surface Mount Transformer/Inductor
More results

Similar Description - SMT810

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMT850N ETC1-SMT850N Datasheet
100Kb / 1P
   High Performance Infrared TOP IR LED
SMT820 ETC1-SMT820 Datasheet
72Kb / 1P
   High Performance Infrared TOP IR LED
logo
Roithner LaserTechnik G...
SMT735 ROITHNER-SMT735 Datasheet
96Kb / 1P
   high performance infrared top ir led
logo
List of Unclassifed Man...
SMT720 ETC2-SMT720 Datasheet
29Kb / 1P
   High Performance Infrared TOP IR LED
SMT735 ETC-SMT735 Datasheet
26Kb / 1P
   High Performance Infrared TOP IR LED
logo
Everlight Electronics C...
EAIPL3528A0 EVERLIGHT-EAIPL3528A0 Datasheet
627Kb / 9P
   Top Infrared LED
EAIPL3528Z0 EVERLIGHT-EAIPL3528Z0 Datasheet
745Kb / 9P
   Top Infrared LED
HIR67-21C-L11-TR8 EVERLIGHT-HIR67-21C-L11-TR8 Datasheet
183Kb / 10P
   Top Infrared LED
IR67-21C-TR8 EVERLIGHT-IR67-21C-TR8 Datasheet
176Kb / 10P
   Top Infrared LED
EAIPL3528A2 EVERLIGHT-EAIPL3528A2 Datasheet
559Kb / 9P
   Top Infrared LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com