Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1363 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1363
Description  4-Channel, 12-Bit System Monitors with Programmable Trip Window and SMBus Alert Response
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1363 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1363 Datasheet HTML 6Page - Maxim Integrated Products MAX1363 Datasheet HTML 7Page - Maxim Integrated Products MAX1363 Datasheet HTML 8Page - Maxim Integrated Products MAX1363 Datasheet HTML 9Page - Maxim Integrated Products MAX1363 Datasheet HTML 10Page - Maxim Integrated Products MAX1363 Datasheet HTML 11Page - Maxim Integrated Products MAX1363 Datasheet HTML 12Page - Maxim Integrated Products MAX1363 Datasheet HTML 13Page - Maxim Integrated Products MAX1363 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Power Supply
The MAX1363 (2.7V to 3.6V) and MAX1364 (4.5V to
5.5V) operate from a single supply and consume
670µA (typ) at sampling rates up to 94.4ksps and
436µA in monitor mode at 133ksps. The MAX1363
features a 2.048V internal reference, and the MAX1364
features a 4.096V internal reference. All devices can be
configured for use with an external reference from 1V to
VDD. Bypass VDD to GND using a 0.1µF or greater
ceramic capacitor for best performance.
Analog-Input and Track/Hold
The MAX1363/MAX1364 analog-input architecture con-
tains an analog-input multiplexer (mux), fully differential
T/H, comparator, and a fully differential switched
capacitive digital-to-analog converter (DAC). Figure 3
shows the equivalent input circuit for the MAX1363/
MAX1364.
In single-ended mode, the analog-input mux connects
CT/H between the analog input selected by CS[3:0] and
GND (see the Configuration/Setup Bytes (Write Cycle)
section). In differential mode, the analog-input mux
connects CT/H to the plus and minus analog inputs
selected by CS[3:0].
During the acquisition interval, the T/H switches are in
the track position, and CT/H charges to the analog-input
signal. At the end of the acquisition interval, the T/H
switches move to the hold position, retaining the
charge on CT/H as a stable sample of the input signal.
During the conversion, a switched capacitive DAC
adjusts to restore the comparator input voltage to 0V
within the limits of 12-bit resolution. This action requires
12 conversion clock cycles and is equivalent to trans-
ferring a charge of 11pF x (VIN+ - VIN-) from CT/H to the
binary-weighted capacitive DAC, forming a digital rep-
resentation of the analog-input signal.
Use a low source impedance to ensure an accurate
sample. A source impedance of up to 1.5k
Ω does not
significantly degrade sampling accuracy. For larger
source impedances, connect a 100pF capacitor from
the analog input to GND or buffer the input.
In internal clock mode, the T/H circuitry enters track
mode on the eighth rising clock edge of the address
byte (see the Slave Address section). The T/H circuitry
enters hold mode on the falling clock edge of the
acknowledge bit of the address byte (the ninth clock
pulse). The conversions are then internally clocked, dur-
ing which time the MAX1363/MAX1364 hold SCL low.
In external clock mode, the T/H circuitry enters track
mode after a valid address on the rising edge of the
clock during the read bit (R/W = 1). Hold mode is
entered on the rising edge of the second clock pulse
during the shifting out of the 1st byte of the result. The
next 12 clock cycles perform the conversions.
The time required for the T/H circuitry to acquire an
input signal is a function of the input sample capaci-
tance. If the analog-input source impedance is high,
the acquisition time constant lengthens and more time
must be allowed between conversions. The acquisition
time (tACQ) is the minimum time needed for the signal
to be acquired. It is calculated by:
tACQ
≥ 9 x (RSOURCE + RIN) x CIN
4-Channel, 12-Bit System Monitors with Programmable
Trip Window and SMBus Alert Response
10
______________________________________________________________________________________
CT/H
CT/H
TRACK
AIN0
AIN1
AIN2
AIN3/REF
GND
ANALOG-INPUT MUX
CAPACITIVE
DAC
REF
CAPACITIVE
DAC
REF
MAX1363
MAX1364
HOLD
TRACK
HOLD
VDD/2
Figure 3. Equivalent Input Circuit


Similar Part No. - MAX1363

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1363 MAXIM-MAX1363_V01 Datasheet
273Kb / 25P
   4-Channel, 12-Bit System Monitors with Programmable Trip Window and SMBus Alert Response
2008
More results

Similar Description - MAX1363

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1363 MAXIM-MAX1363_V01 Datasheet
273Kb / 25P
   4-Channel, 12-Bit System Monitors with Programmable Trip Window and SMBus Alert Response
2008
MAX1361 MAXIM-MAX1361_06 Datasheet
730Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 3; 4/06
MAX1361 MAXIM-MAX1361 Datasheet
384Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 2; 3/05
MAX1361 MAXIM-MAX1361_V01 Datasheet
371Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
2010
logo
ON Semiconductor
ADM1032 ONSEMI-ADM1032_12 Datasheet
237Kb / 18P
   1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
logo
Maxim Integrated Produc...
MAX1253 MAXIM-MAX1253 Datasheet
439Kb / 29P
   Stand-Alone, 10-Channel, 12-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
19-2838; Rev 0; 4/03
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
logo
Texas Instruments
ADC121C021 TI1-ADC121C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Analog-to-Digital Converter with Alert Function
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
MAX6650 MAXIM-MAX6650_14 Datasheet
260Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com