Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3964CEP Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3964CEP
Description  3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3964CEP Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3964CEP Datasheet HTML 3Page - Maxim Integrated Products MAX3964CEP Datasheet HTML 4Page - Maxim Integrated Products MAX3964CEP Datasheet HTML 5Page - Maxim Integrated Products MAX3964CEP Datasheet HTML 6Page - Maxim Integrated Products MAX3964CEP Datasheet HTML 7Page - Maxim Integrated Products MAX3964CEP Datasheet HTML 8Page - Maxim Integrated Products MAX3964CEP Datasheet HTML 9Page - Maxim Integrated Products MAX3964CEP Datasheet HTML 10Page - Maxim Integrated Products MAX3964CEP Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
+3.0V to +5.5V, 125Mbps to 266Mbps
Limiting Amplifiers with Loss-of-Signal Detector
_______________________________________________________________________________________
7
sensitivity. The offset-correction circuitry is less sensi-
tive to variations of input duty cycle (for example, the
40% to 60% duty cycle encountered in 4B/5B coding)
when the input is less than 30mVp-p.
Loss-of-Signal Comparator
The LOS comparator indicates when the input signal
power is below the programmed LOS threshold. To
ensure supply and temperature independence, VTH is
generated by a 1.2V bandgap reference. The op amp’s
external gain-setting resistors (R1 and R2) can be
chosen to set VTH between 1.2V and 2.4V. To ensure
chatter-free operation, the LOS comparator is designed
with approximately 5dB of hysteresis.
Squelch
The squelch function disables the data outputs by forc-
ing OUT- low and OUT+ high during a LOS condition.
This function ensures that when there is a loss of sig-
nal, the limiting amplifier (and all downstream devices)
does not respond to input noise or corrupt data.
Connect SQUELCH to GND or leave it unconnected to
disable squelch. Connect SQUELCH to VCC to enable
data squelching.
Applications Information
Program the LOS Threshold
Figure 2 provides information for selecting the LOS
threshold voltage (VTH). If R1 is 100kΩ and if the
responsivities of the photodiode and preamplifier are
known, then the value of R2 can be selected from
Figure 2 to provide LOS assert at the desired input
power.
Select Capacitors
A typical MAX3964/MAX3965/MAX3968 implementation
requires four external capacitors (CAZ, CFILTER, and
two input coupling capacitors). For all applications up
to 266Mbps, Maxim recommends the following:
CAZ = 27nF
CFILTER = 10nF
CIN = 10nF
Wire Bonding
For high-current density and reliable operation, the
MAX3964 series uses gold metalization. Diepad size is
4mils square with a 6mil pitch. Die thickness is 15mils.
0
20
80
60
40
120
100
-40
-36
-34
-38
-32
-30
-28
-26
OPTICAL INPUT POWER AT LOS ASSERT (dBm)
200kV/W
30kV/W
10kV/W
15kV/W
20kV/W
100kV/W
Figure 2. LOS Assert Programming Resistor vs. LOS Assert
Power (for various PIN-TIA gains )
PART
DATA RATE (Mbps)
LOS OUTPUTS
MAX3964
125 to 155
PECL
MAX3965
125 to 155
TTL
MAX3968
125 to 266
PECL
Selector Guide


Similar Part No. - MAX3964CEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3964CEP MAXIM-MAX3964CEP Datasheet
808Kb / 12P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Rev 3; 9/04
More results

Similar Description - MAX3964CEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3964 MAXIM-MAX3964_V01 Datasheet
299Kb / 11P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
19-1314; Rev 5; 8/06
MAX3964A MAXIM-MAX3964A Datasheet
808Kb / 12P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Rev 3; 9/04
MAX3645 MAXIM-MAX3645_V01 Datasheet
240Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
19-3026; Rev 1; 11/04
MAX3645 MAXIM-MAX3645 Datasheet
262Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
Rev 0; 10/03
MAX3264 MAXIM-MAX3264 Datasheet
344Kb / 17P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
Rev 6, 5/04
MAX3264 MAXIM-MAX3264_V01 Datasheet
991Kb / 10P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
MAX3645EEE MAXIM-MAX3645EEE Datasheet
240Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier
Rev 1; 11/04
MAX20419EVKIT MAXIM-MAX20419EVKIT Datasheet
120Kb / 1P
   3.0V to 5.5V Operating Supply Voltage
MAX20416EVKIT MAXIM-MAX20416EVKIT Datasheet
107Kb / 1P
   3.0V to 5.5V Operating Supply Voltage
MAX258EVKIT MAXIM-MAX258EVKIT Datasheet
766Kb / 7P
   3.0V to 5.5V Operating Voltage Range
Rev 0; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com