Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1364LEUB Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1364LEUB
Description  4-Channel, 12-Bit System Monitors with Programmable Trip Window and SMBus Alert Response
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1364LEUB Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1364LEUB Datasheet HTML 1Page - Maxim Integrated Products MAX1364LEUB Datasheet HTML 2Page - Maxim Integrated Products MAX1364LEUB Datasheet HTML 3Page - Maxim Integrated Products MAX1364LEUB Datasheet HTML 4Page - Maxim Integrated Products MAX1364LEUB Datasheet HTML 5Page - Maxim Integrated Products MAX1364LEUB Datasheet HTML 6Page - Maxim Integrated Products MAX1364LEUB Datasheet HTML 7Page - Maxim Integrated Products MAX1364LEUB Datasheet HTML 8Page - Maxim Integrated Products MAX1364LEUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4-Channel, 12-Bit System Monitors with Programmable
Trip Window and SMBus Alert Response
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V to 3.6V (MAX1363), VDD = 4.5V to 5.5V (MAX1364), VREF = 2.048V (MAX1363), VREF = 4.096V (MAX1364), CREF =
0.1µF, fSCL = 1.7MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Internal reference
660
1600
fSAMPLE =
133ksps,
monitor mode
(Note 10)
External reference
436
1350
Internal reference
900
1150
fSAMPLE =
94.4ksps,
external clock External reference
670
900
Internal reference
530
fSAMPLE =
40ksps,
internal clock
External reference
230
Internal reference
380
fSAMPLE =
10ksps,
internal clock
External reference
60
Internal reference
330
MAX1363
fSAMPLE =
1ksps,
internal clock
External reference
6
Internal reference
660
1600
fSAMPLE =
133ksps,
monitor mode
(Note10)
External reference
436
1350
Internal reference
900
1150
fSAMPLE =
94.4ksps,
external clock External reference
670
900
Internal reference
530
fSAMPLE =
40ksps,
internal clock
External reference
230
Internal reference
380
fSAMPLE =
10ksps,
internal clock
External reference
60
Internal reference
330
Supply Current
IDD
MAX1364
fSAMPLE =
1ksps, internal
clock
External reference
6
µA
Internal reference on
333
Shutdown Current
Internal reference off
0.5
10
µA
Power-Supply Rejection Ratio
PSRR
Full-scale input (Note 11)
±0.01
±0.5
LSB/V
TIMING CHARACTERISTICS FOR FAST MODE (Figures 1a, 2)
Serial Clock Frequency
fSCL
400
kHz
Bus Free Time Between a
STOP (P) and a
START (S) Condition
tBUF
1.3
µs


Similar Part No. - MAX1364LEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1364EUB++ MAXIM-MAX1364EUB+ Datasheet
273Kb / 25P
   4-Channel, 12-Bit System Monitors with Programmable Trip Window and SMBus Alert Response
2008
MAX1364MEUB++ MAXIM-MAX1364MEUB+ Datasheet
273Kb / 25P
   4-Channel, 12-Bit System Monitors with Programmable Trip Window and SMBus Alert Response
2008
More results

Similar Description - MAX1364LEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1363 MAXIM-MAX1363_V01 Datasheet
273Kb / 25P
   4-Channel, 12-Bit System Monitors with Programmable Trip Window and SMBus Alert Response
2008
MAX1361 MAXIM-MAX1361_06 Datasheet
730Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 3; 4/06
MAX1361 MAXIM-MAX1361 Datasheet
384Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 2; 3/05
MAX1361 MAXIM-MAX1361_V01 Datasheet
371Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
2010
logo
ON Semiconductor
ADM1032 ONSEMI-ADM1032_12 Datasheet
237Kb / 18P
   1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
logo
Maxim Integrated Produc...
MAX1253 MAXIM-MAX1253 Datasheet
439Kb / 29P
   Stand-Alone, 10-Channel, 12-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
19-2838; Rev 0; 4/03
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
logo
Texas Instruments
ADC121C021 TI1-ADC121C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Analog-to-Digital Converter with Alert Function
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
MAX6650 MAXIM-MAX6650_14 Datasheet
260Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com