Electronic Components Datasheet Search |
|
MAX3968CEP Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
MAX3968CEP Datasheet(HTML) 2 Page - Maxim Integrated Products |
2 / 12 page +3.0V to +5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS—MAX3964CEP/MAX3965CEP/MAX3968CEP (VCC = +3.0V to +5.5V, PECL outputs terminated with 50Ω to (VCC - 2V), TA = 0°C to +70°C, unless otherwise noted. Typical values are at VCC = +3.3V and TA = +25°C.) (Note 1) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. (SUB, GND, GNDO tied to ground) VCC, VCCO.............................................................-0.5V to +7.0V FILTER, RSSI, IN+, IN-, CZP, CZN, SQUELCH, LOS+, LOS-, INV, VTH, OUT+, OUT- ......-0.5V to (VCC + 0.5V) PECL Output Current (OUT+, OUT-, LOS+, LOS-) ............50mA Differential Voltage Between CZP and CZN..........-1.5V to +1.5V Differential Voltage Between IN+ and IN- .............-1.5V to +1.5V Continuous Power Dissipation (TA = +70°C) 20-Lead Thin QFN (derate 16.9mW/°C above +70°C) ..........................1349mW 20-Pin QSOP (derate 6.7mW/°C above +70°C)...........500mW Operating Temperature Range............................-40°C to +85°C Operating Junction Temperature Range (die).....-40°C to +150°C Processing Temperature (die) .........................................+400°C Storage Temperature Range .............................-65°C to +160°C Lead Temperature (soldering, 10sec) .............................+300°C PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Supply Current ICC PECL outputs open 22 40 mA LOS Hysteresis Input = 3.3mVP-P to 90mVP-P (Note 2) 3.8 5 8.0 dB SQUELCH Input Current VSQUELCH = VCC, TA = +25°C 27 100 µA PECL Output Voltage High (Note 3) -1025 -880 mV PECL Output Voltage Low (Note 3) -1810 -1620 mV PECL LOS Output Voltage High (Note 3) -1035 -880 mV PECL LOS Output Voltage Low (Note 3) -1810 -1620 mV LOS Assert Accuracy Input = 7mVP-P or 90mVP-P -2.5 +2.5 dB Miinimum LOS Assert Input 2.7 mVP-P Maximum LOS Deassert Input 143 mVP-P Input Sensitivity 2.0 3.3 mVP-P Input Overload 1.5 VP-P 20% to 80% transition time, MAX3964/MAX3965 0.92 1.2 2.20 Output Transition Time tr, tf MAX3968 0.4 0.8 1.2 ns Pulse-Width Distortion (Note 4) 50 200 ps TTL Output High IOH = -200µA 2.4 3.1 VCC V TTL Output Low IOL = 200µA 0 0.3 0.4 V |
Similar Part No. - MAX3968CEP |
|
Similar Description - MAX3968CEP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |