Electronic Components Datasheet Search |
|
SN65LVDM320DGGRG4 Datasheet(PDF) 11 Page - Texas Instruments |
|
SN65LVDM320DGGRG4 Datasheet(HTML) 11 Page - Texas Instruments |
11 / 32 page SN65LVDM320 SLLS462 – AUGUST 2001 11 www.ti.com electrical characteristics over recommended operating conditions (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT |VOD| Differential output voltage magnitude R50 Ω 247 330 454 ∆|VOD| Change in differential output voltage magnitude between logic states RL = 50 Ω, See Figures 11 and 12 – 50‡ 50 mV VOC(SS) Steady-state common-mode B-port output voltage 1.125 1.375 V ∆VOC(SS) Change in steady-state common-mode B-port output voltage between logic states See Figure 13 –50 50 mV VOC(PP) Peak-to-peak common-mode B-port output voltage 50 150 mV IOZ RA-port high-impedance output current VO = 0 V or 3.6 V –10 10 µA IIH DA port high-level input current VIH = 2 V 20 µA IIL DA port low-level input current VIL = 0.8 V 10 µA I Differential short circuit output current VOY or VOZ = 0 –10 10 mA IOS Differential short-circuit output current VOD = 0 –10 10 mA IO(OFF) Power-off differential output current VOD = 2.4 V, VCC = 1.5 V –10 10 µA VIT+ Positive-going differential input voltage threshold See Figure 16 and Table 6 100 mV VIT– Negative-going differential input voltage threshold See Figure 16 and Table 6 –100 mV VOH High-level RA port output voltage IOH = –8 mA 2.4 V VOL Low-level RA port output voltage IOL = 8 mA 0.4 V I Input current (Y or Z inputs) VI = 0 V –35 µA II Input current (Y or Z inputs) VI = 2.4 V –10 µA IID Differential input current IIY – IIZ VIY = 0 and VIZ = 100 mV, VIY = 2.4 V and VIZ = 2.3 V –10 10 µA II(OFF) Power-off input current (Y or Z inputs) VCC 0 V, VI = 2.4 V –20 20 µA C(INA) DA port Input capacitance VI = 0.4 sin (4E6πt) + 0.5 V 5 pF C(INB) B-port Input capacitance VI = 0.4 sin (4E6πt) + 0.5 V 6 pF VO(0PX) B-port crosstalk output voltage (zero-to-peak) See Figure 20 0.1 mV † All typical values are at 25 °C and with a 3.3-V supply voltage. ‡ The algebraic convention, in which the least positive (most negative) limit is designated as minimum is used in this data sheet. |
Similar Part No. - SN65LVDM320DGGRG4 |
|
Similar Description - SN65LVDM320DGGRG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |