Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74BCT2420FN Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74BCT2420FN
Description  NuBus ADDRESS/DATA TRANSCEIVERS AND REGISTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT2420FN Datasheet(HTML) 5 Page - Texas Instruments

  SN74BCT2420FN Datasheet HTML 1Page - Texas Instruments SN74BCT2420FN Datasheet HTML 2Page - Texas Instruments SN74BCT2420FN Datasheet HTML 3Page - Texas Instruments SN74BCT2420FN Datasheet HTML 4Page - Texas Instruments SN74BCT2420FN Datasheet HTML 5Page - Texas Instruments SN74BCT2420FN Datasheet HTML 6Page - Texas Instruments SN74BCT2420FN Datasheet HTML 7Page - Texas Instruments SN74BCT2420FN Datasheet HTML 8Page - Texas Instruments SN74BCT2420FN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SN74BCT2420
NuBus
™ ADDRESS/DATA TRANSCEIVERS AND REGISTERS
SDIS007A – D3159, NOVEMBER 1988 – REVISED JANUARY 1989
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
5
Terminal Functions
PIN NAME
DESCRIPTION
A15–A0
Address bus. This 16-bit I/O port is connected to the local board’s address bus. When information is transferred between this
port and the NuBus
t port (AD15–AD0), the data is inverted to conform to NuBust specifications.
ACLK
Address clock. This input saves the address portion of NuBus
t read or write cycles. Data present at the AD15–AD0 inputs
is clocked into the address register on the low-to-high transition of ACLK.
A/D
Address/data select. This input controls the address/data multiplexer. When A/D is driven low, the local address port, A15–A0,
is selected as input to the AD15–AD0 outputs. When A/D is taken high, the local data port, D15–D0, is selected as input to the
AD15–AD0 outputs.
AD15–AD0
Address/data port. This 16-bit active-low I/O port directly interfaces to the NuBus
t address/data lines. These lines are
multiplexed to carry address information at the beginning of a NuBus
t cycle and data information later in the cycle.
ADEN
Address/data output enable. This active-low input enables the AD15–AD0 outputs. When ADEN is taken high, the AD15–AD0
outputs are in the high impedance state, allowing input from the NuBus
t.
AEN
Address enable. This active-low input enables the local address outputs. A15–A0, to place data onto the local board. When
AEN is taken high, the A15–A0 outputs are in the high-impedance state, allowing input from the local address bus.
ALE
Address latch enable. This active-low input controls the latch that holds the address received from the local address bus,
A15–A0. When ALE is low, the latch is transparent. When ALE is taken high, the address present at the A15–A0 inputs is latched
and remains latched while ALE is held high.
D15–D0
Data bus. This 16-bit I/O port is connected to the local board’s data bus. When information is transferred between this port and
the NuBus
t port (AD15–AD0), the data is inverted to conform to NuBust specifications.
DCLK
Data clock. This input saves the data portion of NuBus
t write cycles. Data present at the AD15–AD0 inputs is clocked into
the data register on the low-to-high transition of DCLK.
DEN
Data enable. This active-low input enables the local data port outputs, D15–D0, to place data onto the local board. When DEN
is taken high, the D15–D0 outputs are in the high-impedance state, allowing input from the local board.
DLE
Data latch enable. This active-low input controls the latch that holds the data received from the local data bus, D15–D0. When
DLE is low, the latch is transparent. When DLE is taken high, the data present at the D15–D0 inputs is latched and remains
latched while DLE is held high.
ID3–ID0
Card-slot identification. These four inputs accept binary-coded location information for each NuBus
t slot position on the
backplane. These four lines are typically hard wired logic levels unique to each NuBus
t slot connector. For convenient
implementation, the inputs have internal 10-k
Ω pull up resistors that ensure the logic high level when the inputs are left open
circuited. The internal comparator uses these inputs to identify when the local hardware card is being accessed.
IDEQ
Identification equal. This active-low output is used to signal that the board is being accessed by the NuBus
t. IDEQ goes low
whenever AD15–AD12 are low and AD11–AD8 match ID3–ID0. Since the internal comparator uses data from the address
register, the address register must be clocked before the local board samples IDEQ. IDEQ is valid for the entire NuBus
t cycle
after ACLK.
SSEQ
Super-slot equal. This active-low output is used to signal the local board that super-slot addresses are being requested in the
super-slot mode. SSEQ goes low when AD15–AD12 match ID3–ID0 and ID3–ID0 are not all low. Since the internal comparator
uses data from the address register, the address register must be clocked before the local board samples SSEQ. SSEQ is valid
for the entire NuBus
t cycle after ACLK.


Similar Part No. - SN74BCT2420FN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT2423A TI1-SN74BCT2423A Datasheet
231Kb / 14P
[Old version datasheet]   16-BIT LATCHED MULTIPLEXER/DEMULTIPLEXER BUS TRANSCEIVERS
SN74BCT2423AFN TI1-SN74BCT2423AFN Datasheet
231Kb / 14P
[Old version datasheet]   16-BIT LATCHED MULTIPLEXER/DEMULTIPLEXER BUS TRANSCEIVERS
SN74BCT2424A TI1-SN74BCT2424A Datasheet
231Kb / 14P
[Old version datasheet]   16-BIT LATCHED MULTIPLEXER/DEMULTIPLEXER BUS TRANSCEIVERS
SN74BCT2424AFN TI1-SN74BCT2424AFN Datasheet
231Kb / 14P
[Old version datasheet]   16-BIT LATCHED MULTIPLEXER/DEMULTIPLEXER BUS TRANSCEIVERS
SN74BCT2425 TI1-SN74BCT2425 Datasheet
563Kb / 10P
[Old version datasheet]   MCP NuBus??ADDRESS/DATA REGISTERED TRANSCEIVER
More results

Similar Description - SN74BCT2420FN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT2425 TI1-SN74BCT2425 Datasheet
563Kb / 10P
[Old version datasheet]   MCP NuBus??ADDRESS/DATA REGISTERED TRANSCEIVER
logo
White Electronic Design...
WC32P020-XXM WEDC-WC32P020-XXM Datasheet
476Kb / 14P
   16 32-Bit General-Purpose Data and Address Registers
logo
STMicroelectronics
RM0321 STMICROELECTRONICS-RM0321 Datasheet
3Mb / 584P
   SPEAr320S address map and registers
logo
Micross Components
AS5SP512K36 MICROSS-AS5SP512K36 Datasheet
746Kb / 12P
   On-Chip Address and Control Registers
logo
Texas Instruments
SNJ54ABT646A TI-SNJ54ABT646A Datasheet
436Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS651 TI-SN54LS651 Datasheet
383Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS646 TI-SN54LS646 Datasheet
440Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS651 TI-SN54LS651_07 Datasheet
457Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS846 TI1-SN54LS846_15 Datasheet
985Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
logo
NXP Semiconductors
74F651A PHILIPS-74F651A Datasheet
168Kb / 14P
   Transceivers/registers
1999 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com