Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74BCT2420FN Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74BCT2420FN
Description  NuBus ADDRESS/DATA TRANSCEIVERS AND REGISTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT2420FN Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74BCT2420FN Datasheet HTML 2Page - Texas Instruments SN74BCT2420FN Datasheet HTML 3Page - Texas Instruments SN74BCT2420FN Datasheet HTML 4Page - Texas Instruments SN74BCT2420FN Datasheet HTML 5Page - Texas Instruments SN74BCT2420FN Datasheet HTML 6Page - Texas Instruments SN74BCT2420FN Datasheet HTML 7Page - Texas Instruments SN74BCT2420FN Datasheet HTML 8Page - Texas Instruments SN74BCT2420FN Datasheet HTML 9Page - Texas Instruments SN74BCT2420FN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SN74BCT2420
NuBus
™ ADDRESS/DATA TRANSCEIVERS AND REGISTERS
SDIS007A – D3159, NOVEMBER 1988 – REVISED JANUARY 1989
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
6
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (all inputs and I/O ports)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions beyond those indicated in the recommended operating conditions section of
this specification is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to GND.
recommended operating conditions
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High level input current
Ax, Dx, ADx outputs
–15
mA
IOH
High-level input current
SSEQ, IDEQ outputs
2.6
mA
IOL
Low level input current
Ax, Dx, ADx outputs
24
mA
IOL
Low-level input current
SSEQ, IDEQ outputs
16
mA
fclock
Clock frequency
0
40
MHz
ACLK, DCLK high
12.5
tw
Pulse duration
ACLK, DCLK low
12.5
ns
ALE, DLE low
12.5
ADx before ACLK
↑, DCLK↑
5
tsu
Setup time
Ax before ALE
5
ns
Dx before DLE
5
ADx after ACLK
↑, DCLK↑
2
th
Hold time
Ax after ALE
2
ns
Dx after DLE
2
TA
Operating free-air temperature
0
70
°
°C


Similar Part No. - SN74BCT2420FN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT2423A TI1-SN74BCT2423A Datasheet
231Kb / 14P
[Old version datasheet]   16-BIT LATCHED MULTIPLEXER/DEMULTIPLEXER BUS TRANSCEIVERS
SN74BCT2423AFN TI1-SN74BCT2423AFN Datasheet
231Kb / 14P
[Old version datasheet]   16-BIT LATCHED MULTIPLEXER/DEMULTIPLEXER BUS TRANSCEIVERS
SN74BCT2424A TI1-SN74BCT2424A Datasheet
231Kb / 14P
[Old version datasheet]   16-BIT LATCHED MULTIPLEXER/DEMULTIPLEXER BUS TRANSCEIVERS
SN74BCT2424AFN TI1-SN74BCT2424AFN Datasheet
231Kb / 14P
[Old version datasheet]   16-BIT LATCHED MULTIPLEXER/DEMULTIPLEXER BUS TRANSCEIVERS
SN74BCT2425 TI1-SN74BCT2425 Datasheet
563Kb / 10P
[Old version datasheet]   MCP NuBus??ADDRESS/DATA REGISTERED TRANSCEIVER
More results

Similar Description - SN74BCT2420FN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT2425 TI1-SN74BCT2425 Datasheet
563Kb / 10P
[Old version datasheet]   MCP NuBus??ADDRESS/DATA REGISTERED TRANSCEIVER
logo
White Electronic Design...
WC32P020-XXM WEDC-WC32P020-XXM Datasheet
476Kb / 14P
   16 32-Bit General-Purpose Data and Address Registers
logo
STMicroelectronics
RM0321 STMICROELECTRONICS-RM0321 Datasheet
3Mb / 584P
   SPEAr320S address map and registers
logo
Micross Components
AS5SP512K36 MICROSS-AS5SP512K36 Datasheet
746Kb / 12P
   On-Chip Address and Control Registers
logo
Texas Instruments
SNJ54ABT646A TI-SNJ54ABT646A Datasheet
436Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS651 TI-SN54LS651 Datasheet
383Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS646 TI-SN54LS646 Datasheet
440Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS651 TI-SN54LS651_07 Datasheet
457Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS846 TI1-SN54LS846_15 Datasheet
985Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
logo
NXP Semiconductors
74F651A PHILIPS-74F651A Datasheet
168Kb / 14P
   Transceivers/registers
1999 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com