Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74BCT2420FN Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74BCT2420FN
Description  NuBus ADDRESS/DATA TRANSCEIVERS AND REGISTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT2420FN Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74BCT2420FN Datasheet HTML 3Page - Texas Instruments SN74BCT2420FN Datasheet HTML 4Page - Texas Instruments SN74BCT2420FN Datasheet HTML 5Page - Texas Instruments SN74BCT2420FN Datasheet HTML 6Page - Texas Instruments SN74BCT2420FN Datasheet HTML 7Page - Texas Instruments SN74BCT2420FN Datasheet HTML 8Page - Texas Instruments SN74BCT2420FN Datasheet HTML 9Page - Texas Instruments SN74BCT2420FN Datasheet HTML 10Page - Texas Instruments SN74BCT2420FN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SN74BCT2420
NuBus
™ ADDRESS/DATA TRANSCEIVERS AND REGISTERS
SDIS007A – D3159, NOVEMBER 1988 – REVISED JANUARY 1989
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
7
electrical characteristics over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
V
VCC = 4.5 V to 5.5 V, IOH = – 400 µA
VCC – 1.5
Ax, Dx, ADx
VCC = 4.5 V,
IOH = – 3 mA
2.8
3.6
VOH
VCC = 4.5 V,
IOH = – 15 mA
2
V
SSEQ IDEQ
VCC = 4.5 V to 5.5 V, IOH = – 400 µA
VCC –2
SSEQ, IDEQ
VCC = 4.5 V,
IOH = – 2.6 mA
2.4
3.2
Ax Dx ADx
VCC = 4.5 V,
IOL = 12 mA
0.25
0.4
VOL
Ax, Dx, ADx
VCC = 4.5 V,
IOL = 24 mA
0.35
0.5
V
VOL
SSEQ IDEQ
VCC = 4.5 V,
IOL = 8 mA
0.25
0.4
V
SSEQ, IDEQ
VCC = 4.5 V,
IOL = 16 mA
0.35
0.5
II
VCC = 5.5 V,
VI = 5.5 V
100
µA
AEN, DEN, ADEN
20
IIH‡
ID3–ID0
VCC = 5.5 V,
VI = 2.7 V
– 400
µA
All other inputs
– 100
IIL‡
ID3–ID0
VCC =5 5V
VI =0 4V
– 750
µA
IIL‡
All other inputs
VCC = 5.5 V,
VI = 0.4 V
– 200
µA
IOS§
VCC = 5.5 V,
VO = 0 V
–60
– 225
mA
ICC
Enabled
VCC = 5.5 V,
VIL = 0.5 V,
110
160
mA
ICC
Disabled
CC
,
IL
,
VIH = 3 V,
Outputs open
30
40
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ For I/O ports, the parameters IIH and IIL include the off-state output current.
§ Not more than one output should be shorted at a time, and duration of the short circuit should not exceed one second.


Similar Part No. - SN74BCT2420FN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT2423A TI1-SN74BCT2423A Datasheet
231Kb / 14P
[Old version datasheet]   16-BIT LATCHED MULTIPLEXER/DEMULTIPLEXER BUS TRANSCEIVERS
SN74BCT2423AFN TI1-SN74BCT2423AFN Datasheet
231Kb / 14P
[Old version datasheet]   16-BIT LATCHED MULTIPLEXER/DEMULTIPLEXER BUS TRANSCEIVERS
SN74BCT2424A TI1-SN74BCT2424A Datasheet
231Kb / 14P
[Old version datasheet]   16-BIT LATCHED MULTIPLEXER/DEMULTIPLEXER BUS TRANSCEIVERS
SN74BCT2424AFN TI1-SN74BCT2424AFN Datasheet
231Kb / 14P
[Old version datasheet]   16-BIT LATCHED MULTIPLEXER/DEMULTIPLEXER BUS TRANSCEIVERS
SN74BCT2425 TI1-SN74BCT2425 Datasheet
563Kb / 10P
[Old version datasheet]   MCP NuBus??ADDRESS/DATA REGISTERED TRANSCEIVER
More results

Similar Description - SN74BCT2420FN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT2425 TI1-SN74BCT2425 Datasheet
563Kb / 10P
[Old version datasheet]   MCP NuBus??ADDRESS/DATA REGISTERED TRANSCEIVER
logo
White Electronic Design...
WC32P020-XXM WEDC-WC32P020-XXM Datasheet
476Kb / 14P
   16 32-Bit General-Purpose Data and Address Registers
logo
STMicroelectronics
RM0321 STMICROELECTRONICS-RM0321 Datasheet
3Mb / 584P
   SPEAr320S address map and registers
logo
Micross Components
AS5SP512K36 MICROSS-AS5SP512K36 Datasheet
746Kb / 12P
   On-Chip Address and Control Registers
logo
Texas Instruments
SNJ54ABT646A TI-SNJ54ABT646A Datasheet
436Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS651 TI-SN54LS651 Datasheet
383Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS646 TI-SN54LS646 Datasheet
440Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS651 TI-SN54LS651_07 Datasheet
457Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS846 TI1-SN54LS846_15 Datasheet
985Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
logo
NXP Semiconductors
74F651A PHILIPS-74F651A Datasheet
168Kb / 14P
   Transceivers/registers
1999 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com