Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TI380C30A Datasheet(PDF) 4 Page - Texas Instruments

Part # TI380C30A
Description  INTEGRATED TOKEN-RING COMMPROCESSOR AND PHYSICAL-LAYER INTERFACE
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TI380C30A Datasheet(HTML) 4 Page - Texas Instruments

  TI380C30A Datasheet HTML 1Page - Texas Instruments TI380C30A Datasheet HTML 2Page - Texas Instruments TI380C30A Datasheet HTML 3Page - Texas Instruments TI380C30A Datasheet HTML 4Page - Texas Instruments TI380C30A Datasheet HTML 5Page - Texas Instruments TI380C30A Datasheet HTML 6Page - Texas Instruments TI380C30A Datasheet HTML 7Page - Texas Instruments TI380C30A Datasheet HTML 8Page - Texas Instruments TI380C30A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 81 page
background image
TI380C30A
INTEGRATED TOKEN-RING COMMPROCESSOR
AND PHYSICAL-LAYER INTERFACE
SPWS034 – MARCH 1998
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description
The TI380C30A is a single-chip token-ring solution, combining the commprocessor and the physical-layer
(PHY) interface onto a single device. The TI380C30A supports 16 Mbit/s and 4 Mbit/s of operation, conforms
to ISO 8802–5/IEEE Std 802.5–1992 standards, and has been verified to be completely IBM Token-Ring
Network compatible.
The TI380C30A provides a high degree of integration as it combines the functions of the TI380C25 and the
TI380C60A onto a single chip. Additional information on the PHY section can be found in the TI380C60A data
sheet, literature number SPWS033. With the TI380C30A, only local memory and minimal additional
components such as PAL® devices and crystal oscillators need to be added to complete the LAN-subsystem
design.
The TI380C30A provides a 32-bit system-memory address reach with a high-speed bus-master direct memory
access (DMA) interface that supports rapid communications with the host system. In addition, the TI380C30A
supports direct I/O and a low-cost 8-bit or 16-bit pseudo-DMA interface that requires only a chip-select to work
directly on an 80x8x 8-bit slave I/O interface. Selectable 80x8x or 68xxx-type host-system bus and memory
organization add to design flexibility.
The TI380C30A supports addressing for up to 2M bytes of local memory. This expanded memory capacity can
improve LAN-subsystem performance by minimizing the frequency of host LAN-subsystem communications
by allowing larger blocks of information to be transferred at one time. The support of large local memory is
important in applications that require large data transfers (such as graphics or database transfers) and in heavily
loaded networks where the extra memory can provide data buffers to store data until it can be processed by
the host.
The proprietary central processing unit (CPU) used in the TI380C30A allows protocol software to be
downloaded into RAM or stored in ROM in the local-memory space. By moving protocols [such as logical link
control (LLC)] to the LAN-subsystem, overall system performance is increased. This is accomplished by
offloading processing from the host-system to the TI380C30A, which also can reduce LAN-subsystem-to-host
communications. As other protocol software is developed, greater differentiation of end products with enhanced
system performance is possible.
The TI380C30A includes hardware counters that provide real-time error detection and automatic frame-buffer
management. These counters control system-bus retries and burst size, and track host- and
LAN-subsystem-buffer status. Previously, these counters were maintained in software. By integrating them into
hardware, software overhead is reduced and LAN-subsystem performance is improved.
The TI380C30A implements a Texas Instruments (TI
™)-patented enhanced-address-copy-option (EACO)
interface. This interface supports external address-checking devices, such as the TMS380SRA source-routing
accelerator. The TI380C30A has a 128-word external I/O space in its memory to support external
address-checker devices and other hardware extensions to the TMS380 architecture.
At the PHY, the Manchester-encoded data stream is received and phase-aligned using an on-chip dual-digital
phase-locked loop (PLL). Both the recovered clock and data are passed to the protocol-handling circuits on the
TI380C30A for serial-to-parallel conversion and data processing. On transmit, the TI380C30A buffers the output
from the protocol-handling circuit and drives the media by way of suitable isolation and waveform-shaping
components.
The TI380C30A uses CMOS technology to reduce power consumption to PCMCIA-compatible levels.
Power-management features are incorporated to support Green PC compatibility.
In addition to the PLL, all other functions required to interface to an IEEE Std 802.5 token ring are provided.
These functions include the phantom drive to control the relays within a trunk-coupling unit and wire-fault
detection circuits; an internal-wrap function for self-test; and a watchdog timer to provide fail-safe deinsertion
from the ring in the event of a station, microcode, or commprocessor failure.


Similar Part No. - TI380C30A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TI380C30 TI1-TI380C30 Datasheet
1Mb / 78P
[Old version datasheet]   INTEGRATED TOKEN-RING COMMPROCESSOR AND PHYSICAL-LAYER INTERFACE
TI380C30PGF TI1-TI380C30PGF Datasheet
1Mb / 78P
[Old version datasheet]   INTEGRATED TOKEN-RING COMMPROCESSOR AND PHYSICAL-LAYER INTERFACE
More results

Similar Description - TI380C30A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TI380C30 TI1-TI380C30 Datasheet
1Mb / 78P
[Old version datasheet]   INTEGRATED TOKEN-RING COMMPROCESSOR AND PHYSICAL-LAYER INTERFACE
TI380C25 TI1-TI380C25 Datasheet
997Kb / 71P
[Old version datasheet]   TOKEN-RING COMMPROCESSOR
logo
Datatronic Distribution...
NT802-031 DATATRONICS-NT802-031 Datasheet
71Kb / 1P
   Token Ring Interface Module
NT802-032 DATATRONICS-NT802-032 Datasheet
71Kb / 1P
   Token Ring Interface Module
NT802-050 DATATRONICS-NT802-050 Datasheet
85Kb / 1P
   Token Ring Interface Module
NT802-051 DATATRONICS-NT802-051 Datasheet
101Kb / 1P
   Token Ring Interface Module
NT802-061 DATATRONICS-NT802-061 Datasheet
81Kb / 1P
   Token Ring Interface Module
NT802-041 DATATRONICS-NT802-041 Datasheet
64Kb / 1P
   Token Ring Interface Module
logo
PCA ELECTRONICS INC.
EPT7088 PCA-EPT7088 Datasheet
52Kb / 2P
   Token Ring Interface Module
logo
Datatronic Distribution...
NT802-042 DATATRONICS-NT802-042 Datasheet
71Kb / 1P
   Token Ring Interface Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com