Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXT953K Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXT953K
Description  100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN D-PAK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXT953K Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXT953K Datasheet HTML 1Page - Zetex Semiconductors ZXT953K Datasheet HTML 2Page - Zetex Semiconductors ZXT953K Datasheet HTML 3Page - Zetex Semiconductors ZXT953K Datasheet HTML 4Page - Zetex Semiconductors ZXT953K Datasheet HTML 5Page - Zetex Semiconductors ZXT953K Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZXT953K
SEMICO NDUC TORS
ISSUE 1 - DECEMBER 2003
2
PARAMETER
SYMBOL
VALUE
UNIT
Junction to ambient
(a)
R JA
59
°C/W
Junction to ambient
(b)
R JA
39
°C/W
Junction to ambient
(c)
R JA
30
°C/W
NOTES
(a) For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
(b) For a device surface mounted on 50mm x 50mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
(c) For a device surface mounted on 50mm x 50mm x 1.6mm FR4 PCB with high coverage of single sided 2oz copper, in still air conditions.
THERMAL RESISTANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Collector-base voltage
BVCBO
-140
V
Collector-base voltage
BVCER
-140
V
Collector-emitter voltage
BVCEO
-100
V
Emitter-base voltage
BVEBO
-7
V
Peak pulse current
ICM
-10
A
Continuous collector current
(b)
IC
-5
A
Base current
IB
-0.5
A
Power dissipation at TA =25°C
(a)
Linear derating factor
PD
2.1
16.8
W
mW/°C
Power dissipation at TA =25°C
(b)
Linear derating factor
PD
3.2
25.6
W
mW/°C
Power dissipation at TA =25°C
(c)
Linear derating factor
PD
4.2
33.6
W
mW/°C
Operating and storage temperature range
Tj,Tstg
-55 to +150
°C
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - ZXT953K

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXT953K DIODES-ZXT953K Datasheet
147Kb / 6P
   100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN D-PAK
logo
Inchange Semiconductor ...
ZXT953K ISC-ZXT953K Datasheet
251Kb / 2P
   isc Silicon PNP Power Transistor
logo
Diodes Incorporated
ZXT953KTC DIODES-ZXT953KTC Datasheet
147Kb / 6P
   100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN D-PAK
ZXT953K DIODES-ZXT953K_15 Datasheet
407Kb / 7P
   100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR
More results

Similar Description - ZXT953K

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXT953K DIODES-ZXT953K Datasheet
147Kb / 6P
   100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN D-PAK
ZXT951K DIODES-ZXT951K Datasheet
147Kb / 6P
   60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN D-PAK
logo
Zetex Semiconductors
ZXT951K ZETEX-ZXT951K Datasheet
137Kb / 6P
   60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN D-PAK
logo
Diodes Incorporated
ZX5T953G DIODES-ZX5T953G Datasheet
135Kb / 6P
   100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN
ZXTP2013G DIODES-ZXTP2013G Datasheet
130Kb / 6P
   100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN
logo
Zetex Semiconductors
ZX5T953Z ZETEX-ZX5T953Z Datasheet
94Kb / 6P
   100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T953G ZETEX-ZX5T953G Datasheet
125Kb / 6P
   100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTP2013G DIODES-ZXTP2013G_15 Datasheet
419Kb / 7P
   100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTP2013Z DIODES-ZXTP2013Z_15 Datasheet
100Kb / 6P
   100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Zetex Semiconductors
ZXTP2013Z ZETEX-ZXTP2013Z Datasheet
94Kb / 6P
   100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com