Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT63M105PVA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # UT63M105PVA
Description  MIL-STD-1553A/B Bus Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UT63M105PVA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  UT63M105PVA Datasheet HTML 1Page - List of Unclassifed Manufacturers UT63M105PVA Datasheet HTML 2Page - List of Unclassifed Manufacturers UT63M105PVA Datasheet HTML 3Page - List of Unclassifed Manufacturers UT63M105PVA Datasheet HTML 4Page - List of Unclassifed Manufacturers UT63M105PVA Datasheet HTML 5Page - List of Unclassifed Manufacturers UT63M105PVA Datasheet HTML 6Page - List of Unclassifed Manufacturers UT63M105PVA Datasheet HTML 7Page - List of Unclassifed Manufacturers UT63M105PVA Datasheet HTML 8Page - List of Unclassifed Manufacturers UT63M105PVA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
Legend for TYPE field:
TI = TTL input
TO = TTL output
DO = Differential output
DI = Differential input
() = Channel designator
TRANSMITTER
NAME
PACKAGE PIN
TYPE
DESCRIPTION
SINGLE
DUAL
TXOUT
(A)
1
1
DO
Transmitter outputs: TXOUT and TXOUT are differential data signals.
TXOUT
(B)
N/A
10
DO
TXOUT
(A)
2
2
DO
TXOUT is the complement of TXOUT.
TXOUT
(B)
N/A
11
DO
TXIHB
(A)
21
34
TI
Transmitter inhibit: this is an active high input signal.
TXINB
(B)
N/A
25
TI
TXIN
(A)
22
35
TI
Transmitter inputs: TXIN and TXIN are complementary TTL-level
Manchester II encoder inputs.
TXIN
(B)
N/A
26
TI
TXIN
(A)
23
36
TI
TXIN is the complement of TXIN input.
TXIN
(B)
N/A
27
TI
The transmitter section accepts biphase TTL-level signal data
at its TXIN and TXIN and produces MIL-STD-1553 data
signals. The transmitter’s output voltage is typically 42VPP, L-
L. Activating the TXIHB input or setting both data inputs to
the same logic level disables the transmitter.
The UT63M1XX series offers a monolithic transmitter and
receiver packaged in either single channel (24-pin) or dual-
channel (36-pin) configurations designed for use in any MIL-
STD-1553 application.


Similar Part No. - UT63M105PVA

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT63M147 AEROFLEX-UT63M147 Datasheet
1Mb / 20P
   MIL-STD-1553A/B Bus Transceiver
UT63M147BCA AEROFLEX-UT63M147BCA Datasheet
1Mb / 20P
   MIL-STD-1553A/B Bus Transceiver
UT63M147BCC AEROFLEX-UT63M147BCC Datasheet
1Mb / 20P
   MIL-STD-1553A/B Bus Transceiver
UT63M147BCX AEROFLEX-UT63M147BCX Datasheet
1Mb / 20P
   MIL-STD-1553A/B Bus Transceiver
UT63M147BPA AEROFLEX-UT63M147BPA Datasheet
1Mb / 20P
   MIL-STD-1553A/B Bus Transceiver
More results

Similar Description - UT63M105PVA

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT63M147 AEROFLEX-UT63M147 Datasheet
1Mb / 20P
   MIL-STD-1553A/B Bus Transceiver
ACT4808N AEROFLEX-ACT4808N Datasheet
142Kb / 9P
   Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
   MIL-STD-1553 TRANSCEIVER
logo
MMD Components
MVLP2 MMD-MVLP2 Datasheet
106Kb / 2P
   MIL-STD-883 Level B
logo
Aeroflex Circuit Techno...
ACT4454 AEROFLEX-ACT4454 Datasheet
173Kb / 8P
   ACT 4454 / 4460 Single Supply Transceivers for MIL-STD-1553A/B & MacAir A3818, A4905, A5232 & A5690
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
Actel Corporation
1553BBC-XX ACTEL-1553BBC-XX Datasheet
225Kb / 30P
   Core1553BBC MIL-STD-1553B Bus Controller
logo
Tyco Electronics
DK-621-0912-S MACOM-DK-621-0912-S Datasheet
129Kb / 5P
   Data Bus (MIL-STD-1553B) Components
D-500-0463-612 MACOM-D-500-0463-612 Datasheet
339Kb / 5P
   Data Bus (MIL-STD-1553B) Components
Revised 12-03
logo
List of Unclassifed Man...
BUS-8559 ETC1-BUS-8559 Datasheet
811Kb / 4P
   VARIABLE OUTPUT MIL-STD-1553 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com