Electronic Components Datasheet Search |
|
TL052AMJGB Datasheet(PDF) 8 Page - Texas Instruments |
|
TL052AMJGB Datasheet(HTML) 8 Page - Texas Instruments |
8 / 63 page TL05x, TL05xA ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TL051I and TL051AI operating characteristics at specified free-air temperature † TL051I, TL051AI PARAMETER TEST CONDITIONS TA† VCC ± = ±5 V VCC ± = ±15 V UNIT MIN TYP MAX MIN TYP MAX P iti l t 25 °C 16 13 20 SR+ Positive slew rate at unity gain‡ RL = 2 kΩ,CL = 100 pF, Full range 11 V/ µs Nti l t L , L , See Figure 1 25 °C 15 13 18 V/ µs SR– Negative slew rate at unity gain‡ Full range 11 25 °C 55 56 tr Rise time –40 °C 52 53 85 °C 64 65 ns VI(PP) = ±10 mV, R2 k Ω 25 °C 55 57 ns tf Fall time () RL = 2 kΩ, CL = 100 pF –40 °C 51 53 CL = 100 F, See Figures 1 and 2 85 °C 64 65 g 25 °C 24 19 Overshoot factor –40 °C 24 19 % 85 °C 24 19 V Equivalent input noise f = 10 Hz 25 °C 75 75 nV/ √Hz Vn q voltage§ RS = 20 Ω, f = 1 kHz 25 °C 18 18 30 nV/ √Hz VN(PP) Peak-to-peak equivalent input noise voltage See Figure 3 f = 10 Hz to 10 kHz 25 °C 4 4 µV In Equivalent input noise current f = 1 kHz 25 °C 0.01 0.01 pA/ √Hz THD Total harmonic distortion¶ RS = 1 kΩ, f = 1 kHz RL = 2 kΩ, 25 °C 0.003 0.003 % V10 V R 2 k Ω 25 °C 3 3.1 B1 Unity-gain bandwidth VI = 10 mV, RL = 2 kΩ, CL =25 pF See Figure 4 –40 °C 3.5 3.6 MHz CL = 25 F, See Figure 4 85 °C 2.6 2.7 Phase margin at unity V10 mV R 2 k Ω 25 °C 59 62 φm Phase margin at unity gain VI = 10 mV, RL = 2 kΩ, CL = 25 pF, See Figure 4 –40 °C 58 61 deg gain CL = 25 F, See Figure 4 85 °C 59 62 † Full range is –40 °C to 85°C. ‡ For VCC± = ±5 V, VI(PP) = ±1 V; for VCC± = ±15 V, VI(PP) = ±5 V. § This parameter is tested on a sample basis for the TL051A. For other test requirements, please contact the factory. This statement has no bearing on testing or nontesting of other parameters. ¶ For VCC± = ±5 V, VO(RMS) = 1 V; for VCC± = ±15 V, VO(RMS) = 6 V. |
Similar Part No. - TL052AMJGB |
|
Similar Description - TL052AMJGB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |