Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D349LS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # D349LS
Description  IN-PHASE 4-WAY DIVIDERS/COMBINERS, POWER SMA/TYPE N 0.5-18 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D349LS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  D349LS Datasheet HTML 1Page - List of Unclassifed Manufacturers D349LS Datasheet HTML 2Page - List of Unclassifed Manufacturers D349LS Datasheet HTML 3Page - List of Unclassifed Manufacturers D349LS Datasheet HTML 4Page - List of Unclassifed Manufacturers D349LS Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
10/98
An MCE Company
TRIANGLE
C O R P O R A T I O N
KE Y
: Inches[Millimeters] .XX ±.03 .XXX ±.010 [.X ±0.8 .XX ±0.25]
60 South Jefferson Road, Whippany, NJ 07981
Tel: 973-887-8100 • Fax: 973-884-0445
E-Mail: kdisales@aol.com
See us on the web @ www.kditriangle.com
4 WAY
DIVIDER/COMBINERS, POWER
ELECTRICAL SPECIFICATIONS
Model:
D354KS
Connectors:
Type N
Frequency Range:
860-900 MHz
VSWR:
1.30:1 Maximum
Isolation:
20 dB Minimum
Insertion Loss:
6.5 dB Maximum
RF Power:
50mW Maximum into each port
Amplitude Balance:
±0.3 dB Maximum
Phase Balance:
±3.0° Maximum
Operating Temperature:
–30° C to +70° C
ELECTRICAL SPECIFICATIONS
Model:
D349LS
Connectors:
SMA
Frequency Range:
800-900 MHz
VSWR:
1.3:1 Maximum
Isolation:
20 dB Minimum
Insertion Loss:
0.5 dB Maximum
RF Power:
50mW Maximum into each port
Amplitude Balance:
±1 dB Maximum
Phase Balance:
±2.0° Maximum
Operating Temperature:
–30° C to +70° C
ELECTRICAL SPECIFICATIONS
Model:
D307MS
Connectors:
SMA
Frequency Range:
824-925 MHz
VSWR:
1.2:1 Maximum
Isolation:
20 dB Minimum
Insertion Loss:
6.3 dB Maximum (inc. div. loss)
Amplitude Balance:
±0.1 dB Maximum
Phase Balance:
±2° Maximum
RF Power:
4.0 Watts CW Total @ Input
Operating Temperature:
–30° C to +70° C
.13
[3,30]
5.75[146,1]
6.00[152,4]
.38
[9,7]
.75
[19,1]
3.00
[76,2]
PRESS IN TYPE N FEM
MATES WITH N MALE CONN
PER MIL-C-39012 5 PLS
KDI
64537
D354KS
D/C
2.00[50,8]
1.00[25,4] TYP
.59
[14,99]
.190[4,83] Ø THRU 4 PLS.
2.75
[69,9]
.13
[3,30]
.50
[12,7]
RF OUT
J4
J3
J2
J1
MATES WITH SMA MALE
CONN PER MIL-C-39012
5 PLACES
1
2
3
4
RF OUT
.38[9,65]
5 PLS
.80
[20,3]
.50[12,7]
1.00[25,4]
1.00[25,4]
1.00[25,4]
2.625[66,68]
.13
[3,30]
2.875[73,03]
.50[12,7] MAX.
5 PLS
.13
[3,30]
2.00
[50,8]
3.75
[95,3]
4.00
[101,6]
.166[4,22] DIA. THRU
4 PLS
KDI
64537
D349LS
D/C
KDI
64537
D307MS
D/C
MATE WITH SMA MALE
CONN PER MIL-C-39012
5 PLACES
J2
J3
J4
INPUT
J1
J5
.125[3,18] DIA.
4 MTG. HOLES
.13[3,30]
2.240[56,9]
2.50[63,5]
1.00[25,4]
1.50[38,1]
2.00[50,8]
.50
[12,7]
.13[3,30]
1.740
[44,2]
.27[6,86]
2.00
[50,8]
.25[6,4]
.50[12,7]


Similar Part No. - D349LS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D34900000024 ETC2-D34900000024 Datasheet
78Kb / 3P
   Channel Generators
D34900000115 ETC2-D34900000115 Datasheet
78Kb / 3P
   Channel Generators
D34900000230 ETC2-D34900000230 Datasheet
78Kb / 3P
   Channel Generators
D34900000824 ETC2-D34900000824 Datasheet
78Kb / 3P
   Channel Generators
More results

Similar Description - D349LS

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
4004 FILTRONIC-4004 Datasheet
369Kb / 3P
   POWER DIVIDERS FOUR-WAY, 1 TO 18 GHZ
4008 FILTRONIC-4008 Datasheet
264Kb / 1P
   POWER DIVIDERS EIGHT-WAY, 2 TO 18 GHZ
4003 FILTRONIC-4003 Datasheet
273Kb / 2P
   POWER DIVIDERS - THREE WAY, 1 TO 18 GHZ
logo
Hirose Electric
2D-2000M-1 HIROSE-2D-2000M-1 Datasheet
165Kb / 6P
   2 GHz Band Power Dividers/Combiners
logo
Merrimac Industries, In...
QH-7-4.9 MERRIMAC-QH-7-4.9 Datasheet
238Kb / 2P
   POWER DIVIDERS/COMBINERS
113A MERRIMAC-113A Datasheet
100Kb / 1P
   POWER DIVIDERS / COMBINERS
logo
Anaren Microwave
4A0279 ANAREN-4A0279_14 Datasheet
202Kb / 4P
   Power Dividers 4-Way
44100 ANAREN-44100 Datasheet
185Kb / 3P
   Power Dividers 4-Way
4A0456 ANAREN-4A0456_14 Datasheet
438Kb / 4P
   Power Dividers 4-Way
44010 ANAREN-44010 Datasheet
167Kb / 3P
   Power Dividers 4-Way
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com