Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1015 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MP1015
Description  Full System Precision CCFL Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MP1015 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  MP1015 Datasheet HTML 1Page - List of Unclassifed Manufacturers MP1015 Datasheet HTML 2Page - List of Unclassifed Manufacturers MP1015 Datasheet HTML 3Page - List of Unclassifed Manufacturers MP1015 Datasheet HTML 4Page - List of Unclassifed Manufacturers MP1015 Datasheet HTML 5Page - List of Unclassifed Manufacturers MP1015 Datasheet HTML 6Page - List of Unclassifed Manufacturers MP1015 Datasheet HTML 7Page - List of Unclassifed Manufacturers MP1015 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MP1015
Full System
Precision CCFL Driver
Monolithic Power Systems
Application Information (Continued)
Pin 15 (Cref):
Cref is the bypass cap for the internal 5.0V supply.
This capacitor must be placed as close as possible
to the pin. A maximum of 100 mils is recommended
between the cap and the IC. The value of the cap
is typically 0.47µF
Pin 14, Pin 7 & Pin 9 (Batt & PGnd): CbaR/L, Cba
These caps are used as the bypass caps for the
battery voltage supply line. These capacitors will
absorb most of the input switching current of the
inverter and will require adequate ripple rating. The
typical current rating for Cba is > 500mArms.
Typically CbaR and CbaL are 1µF and Cba is equal
to 2 caps of 2.2µF.
Pin 13 & Pin 8 (OutL & OutR): Cp1, Rdamp,
Rbleed
The primary transformer current flows through this
capacitor. Its value is typically 1µF and its voltage
rating is sufficient for a 5V bias. The capacitor
should be ceramic and have a ripple current rating
greater than the primary current (typically 0.8Arms).
It is more optimal to use two parallel 0.47µF
ceramic caps for minimal ESR losses.
Rdamp and Rbleed are used to ensure that the
bridge outputs are at 0V prior to startup. Typically
Rbleed = 4.3KΩ and Rdamp = 1KΩ.
Pin 11 and Pin 10 (BtL and BtR): Cbtl and Cbtr
These are the reservoir caps for the upper
switches’ gate drive. They should be 10nF and
made of X7R ceramic material and have a voltage
rating for 6.6V
biasing.
Pin 6 (Drv): Cdrv
This bypasses the 6.2V gate supply for the lower
switches. The value should be 100nF ceramic Y5V
or X7R material.
Pin 5: (En)
This pin will enable and disable the chip. Do not
float this pin.
Pin 4 (DBrt) : Rdbr, Cdbr
This pin is used for burst brightness control. The
DC voltage on this pin will control the burst
percentage on the output. The signal is filtered for
optimal
operation.
The
active
range
is
approximately 0.1V to 1.8V. The value of Rdbr and
Cdbr is not critical.
Pin 3 (Bosc): Cbosc, Rbosc
The Cbosc and Rbosc will set the burst repetition
rate and the minimum Ton. Set Tmin to achieve the
minimum required system brightness. Ensure that
Tmin is long enough that the lamp does not
extinguish. These values are determined by the
following steps:
1) Select a Minimum Duty Cycle (DMIN). This is the
ratio TFALL / (TFALL + TRISE) for the burst oscillator.
For example: 10%
2) Determine Rbosc by the formula:
1.68 * [(1 / DMIN) – 1] + 4
Rbosc =
0.42
350 * 10
-6
3) Select a burst frequency and find TTOTAL where
TTOTAL = 1/burst frequency. Then determine Cbosc
by the formula:
(1-DMIN)
0.42 * Rbosc *
fbosc
Cbosc =
Where:
fbosc= burst frequency rate in Hz
Tmin= Minimum burst time in sec
MP1015 Rev 2.7_03/25/03
www.monolithicpower.com
6


Similar Part No. - MP1015

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP101 CTS-MP101 Datasheet
133Kb / 5P
   Quartz Crystal
logo
Micro Commercial Compon...
MP101 MCC-MP101 Datasheet
115Kb / 3P
   10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Won-Top Electronics
MP1010 WTE-MP1010 Datasheet
35Kb / 3P
   10A BRIDGE RECTIFIER
logo
Comchip Technology
MP1010 COMCHIP-MP1010 Datasheet
35Kb / 2P
   Silicon Bridge Rectifiers
logo
Dc Components
MP1010 DCCOM-MP1010 Datasheet
285Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
More results

Similar Description - MP1015

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1038 MPS-MP1038 Datasheet
34Kb / 1P
   Full Bridge CCFL Controller
logo
Microsemi Corporation
LX6504 MICROSEMI-LX6504 Datasheet
180Kb / 2P
   Full Bridge Resonant CCFL Controller
LX1696A MICROSEMI-LX1696A Datasheet
97Kb / 2P
   Full Bridge Resonant CCFL Controller
logo
Mitsumi Electronics, Co...
LX1692 MITSUMI-LX1692 Datasheet
271Kb / 15P
   Full Bridge Resonant CCFL Controller
logo
Microsemi Corporation
LX1692B MICROSEMI-LX1692B Datasheet
305Kb / 13P
   Full Bridge Resonant CCFL Controller
LX1692A MICROSEMI-LX1692A Datasheet
98Kb / 2P
   Full Bridge Resonant CCFL Controller
LX1692F MICROSEMI-LX1692F Datasheet
196Kb / 2P
   TM Full Bridge Resonant CCFL Controller
LX1692 MICROSEMI-LX1692 Datasheet
315Kb / 15P
   TM Full Bridge Resonant CCFL Controller
logo
Samsung semiconductor
SEM2006 SAMSUNG-SEM2006 Datasheet
767Kb / 6P
   CCFL Inverter Driver IC
logo
Maxim Integrated Produc...
MAX8751 MAXIM-MAX8751 Datasheet
732Kb / 27P
   Fixed-Frequency, Full-Bridge CCFL Inverter Controller
Rev 0; 8/05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com