Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86E0412SSC1924 Datasheet(PDF) 6 Page - Zilog, Inc.

Part # Z86E0412SSC1924
Description  Z8 CMOS OTP Microcontrollers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86E0412SSC1924 Datasheet(HTML) 6 Page - Zilog, Inc.

Back Button Z86E0412SSC1924 Datasheet HTML 2Page - Zilog, Inc. Z86E0412SSC1924 Datasheet HTML 3Page - Zilog, Inc. Z86E0412SSC1924 Datasheet HTML 4Page - Zilog, Inc. Z86E0412SSC1924 Datasheet HTML 5Page - Zilog, Inc. Z86E0412SSC1924 Datasheet HTML 6Page - Zilog, Inc. Z86E0412SSC1924 Datasheet HTML 7Page - Zilog, Inc. Z86E0412SSC1924 Datasheet HTML 8Page - Zilog, Inc. Z86E0412SSC1924 Datasheet HTML 9Page - Zilog, Inc. Z86E0412SSC1924 Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Z86E02/E04/E08/E09 SL1995
Z8 CMOS OTP Microcontrollers
PS009201-0301
Programming Specification
1
General Description
The EPROM Programming interface is a byte-wide data interface with 7 control
inputs and a 17-wire connection. This document describes the EPROM interface
pertinent to the following parts:
Top-Level Programming
After powering up, the programming sequence begins by sending the unlock code
sequence, followed by the mode selection. The program address must be reset to
0000h
after entering EPROM mode. The first data byte to be programmed is then
loaded on Port 2. When the programming control sequence is applied, the pro-
gramming pulse commences. Data is then verified for correct programming. If the
data is incorrect, a count begins to record the number of programming pulse
cycles before success is finally achieved. If the data is not programmed after
NMAX attempts, it is a failed part. If data is verified, then it must be overpro-
grammed for a minimum of 3 times the cumulative programming time. The
address counter is then incremented to the next address. The next data byte is
sent, and programming continues using the same basic algorithm. See Figure 1.
Z86E02 SL1995
Z86E04 SL1995
Z86E08 SL1995
Z86E09 SL1995


Similar Part No. - Z86E0412SSC1924

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E0412SSC1903 ZILOG-Z86E0412SSC1903 Datasheet
214Kb / 44P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0412SSC1903 ZILOG-Z86E0412SSC1903 Datasheet
833Kb / 45P
   CMOS Z8 OTP Microcontrollers
logo
List of Unclassifed Man...
Z86E0412SSC1995 ETC-Z86E0412SSC1995 Datasheet
873Kb / 71P
   General-Purpose OTP MCU with 14 I/O LInes
More results

Similar Description - Z86E0412SSC1924

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
   CMOS Z8 OTP Microcontrollers
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0412PSG1866 ZILOG-Z86E0412PSG1866 Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z8673312PSG ZILOG-Z8673312PSG Datasheet
1Mb / 84P
   CMOS Z8 OTP Microcontrollers
Z86E03 ZILOG-Z86E03 Datasheet
66Kb / 9P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E04 ZILOG-Z86E04 Datasheet
214Kb / 44P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0812SEG ZILOG-Z86E0812SEG Datasheet
833Kb / 45P
   CMOS Z8 OTP Microcontrollers
Z86E0812PSG1866 ZILOG-Z86E0812PSG1866 Datasheet
833Kb / 45P
   Z86E04/E08 CMOS Z8 OTP MICROCONTROLLERS
Z86E64 ZILOG-Z86E64 Datasheet
91Kb / 12P
   CMOS Z8 OTP Microcontroller
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
   CMOS Z8 OTP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com