Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMC-5618-W10 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # AMMC-5618-W10
Description  6 - 20 GHz Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AMMC-5618-W10 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  AMMC-5618-W10 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AMMC-5618-W10 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AMMC-5618-W10 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AMMC-5618-W10 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AMMC-5618-W10 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AMMC-5618-W10 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AMMC-5618-W10 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AMMC-5618-W10 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
AMMC-5618 Typical Performance vs. Supply Voltage (cont.) (Tb=25
°C, Zo=50Ω)
AMMC-5618 Typical Performance vs. Temperature (VDD=5V, Zo=50Ω)
Figure 10. Output Return Loss and Voltage
Figure 11. Output Power and Voltage
Figure 12. Gain and Temperature
Figure 13. Isolation and Temperature
Figure 14. Input Return Loss and Temperature
Figure 15. Output Return Loss and Temperature
Figure 16. Noise Figure and Temperature
Figure 17. Output Power and Temperature
FREQUENCY (GHz)
4
7
10
13
16
19
22
0
-5
-10
-15
-20
-25
-30
-35
Vdd=4V
Vdd=5V
Vdd=6V
FREQUENCY (GHz)
4
7
10
13
16
19
22
25
20
15
10
5
0
Vdd=4V
Vdd=5V
Vdd=6V
FREQUENCY (GHz)
4
7
10
13
16
19
22
25
20
15
10
5
0
Vdd=4V
Vdd=5V
Vdd=6V
FREQUENCY (GHz)
4
7
10
13
16
19
22
0
-10
-20
-30
-40
-50
-60
-40 C
25 C
85 C
FREQUENCY (GHz)
4
7
10
13
16
19
22
0
-10
-20
-30
-40 C
25 C
85 C
FREQUENCY (GHz)
4
7
10
13
16
19
22
0
-5
-10
-15
-20
-25
-40 C
25 C
85 C
FREQUENCY (GHz)
4
7
10
13
16
19
22
8
7
6
5
4
3
2
1
0
-40 C
25 C
85 C
FREQUENCY (GHz)
4
7
10
13
16
19
22
25
20
15
10
5
0
-40 C
25 C
85 C


Similar Part No. - AMMC-5618-W10

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5618-W10 AVAGO-AMMC-5618-W10 Datasheet
280Kb / 8P
   6 - 20 GHz Amplifier
AMMC-5618-W10 AVAGO-AMMC-5618-W10 Datasheet
423Kb / 8P
   6 - 20 GHz Amplifier
logo
Broadcom Corporation.
AMMC-5618-W10 BOARDCOM-AMMC-5618-W10 Datasheet
423Kb / 8P
   6 - 20 GHz Amplifier
More results

Similar Description - AMMC-5618-W10

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-5618 HP-HMMC-5618 Datasheet
82Kb / 6P
   6-20 GHz Amplifier
logo
Broadcom Corporation.
AMMC-5618 BOARDCOM-AMMC-5618 Datasheet
423Kb / 8P
   6 - 20 GHz Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5618 AVAGO-AMMC-5618_13 Datasheet
423Kb / 8P
   6 - 20 GHz Amplifier
AMMC-5618 AVAGO-AMMC-5618 Datasheet
280Kb / 8P
   6 - 20 GHz Amplifier
logo
Agilent(Hewlett-Packard...
HMMC-5620 HP-HMMC-5620 Datasheet
130Kb / 6P
   6-20 GHz High-Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5618 AVAGO-AMMP-5618 Datasheet
234Kb / 9P
   6-20 GHz General Purpose Amplifier
logo
Agilent(Hewlett-Packard...
AMMP-6220 HP-AMMP-6220 Datasheet
406Kb / 10P
   6-20 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD316C3 QORVO-CMD316C3 Datasheet
407Kb / 13P
   6-20 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6220 AVAGO-AMMP-6220 Datasheet
430Kb / 10P
   6-20 GHz Low Noise Amplifier
AMMC-5620 AVAGO-AMMC-5620 Datasheet
589Kb / 8P
   6 - 20 GHz High Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com