Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70-04LT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BAS70-04LT1
Description  Dual Series Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS70-04LT1 Datasheet(HTML) 1 Page - ON Semiconductor

  BAS70-04LT1 Datasheet HTML 1Page - ON Semiconductor BAS70-04LT1 Datasheet HTML 2Page - ON Semiconductor BAS70-04LT1 Datasheet HTML 3Page - ON Semiconductor BAS70-04LT1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2004
May, 2004 − Rev. 6
1
Publication Order Number:
BAS70−04LT1/D
BAS70−04LT1
Preferred Device
Dual Series
Schottky Barrier Diode
These Schottky barrier diodes are designed for high speed switching
applications, circuit protection, and voltage clamping. Extremely low
forward voltage reduces conduction loss. Miniature surface mount
package is excellent for hand held and portable applications where
space is limited.
Features
Extremely Fast Switching Speed
Low Forward Voltage
Pb−Free Package is Available
MAXIMUM RATINGS (TJ = 150°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
70
Volts
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Forward Power Dissipation
@ TA = 25°C
Derate above 25
°C
PF
225
1.8
mW
mW/
°C
Operating Junction and Storage
Temperature Range
TJ, Tstg
−55 to +150
°C
70 VOLTS
SCHOTTKY BARRIER DIODE
Device
Package
Shipping
ORDERING INFORMATION
BAS70−04LT1
SOT−23
3000 / Tape & Reel
SOT−23
(TO−236AB)
CASE 318
Preferred devices are recommended choices for future use
and best overall value.
ANODE
1
CATHODE
2
3
CATHODE/ANODE
1
2
3
CG M
MARKING DIAGRAM
CG
= Specific Device Code
M
= Date Code
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
BAS70−04LT1G
SOT−23
(Pb−Free)
3000 / Tape & Reel


Similar Part No. - BAS70-04LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BAS70-04LT1 MOTOROLA-BAS70-04LT1 Datasheet
74Kb / 4P
   SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
BAS70-04LT1 LRC-BAS70-04LT1 Datasheet
46Kb / 2P
   Dual Series Schottky Barrier Diode
logo
ON Semiconductor
BAS70-04LT1G ONSEMI-BAS70-04LT1G Datasheet
124Kb / 3P
   Dual Series Schottky Barrier Diode
August, 2009 ??Rev. 9
BAS70-04LT1G ONSEMI-BAS70-04LT1G Datasheet
89Kb / 3P
   Dual Series Schottky Barrier Diode
October, 2016 ??Rev. 11
BAS70-04LT1G ONSEMI-BAS70-04LT1G Datasheet
165Kb / 4P
   Schottky Barrier Diode
November, 2018 ??Rev. 13
More results

Similar Description - BAS70-04LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAS70-04LT1 LRC-BAS70-04LT1 Datasheet
46Kb / 2P
   Dual Series Schottky Barrier Diode
logo
ON Semiconductor
BAS70-04LT1G ONSEMI-BAS70-04LT1G_16 Datasheet
89Kb / 3P
   Dual Series Schottky Barrier Diode
October, 2016 ??Rev. 11
logo
Leshan Radio Company
BAS40-04LT1 LRC-BAS40-04LT1 Datasheet
46Kb / 2P
   Dual Series Schottky Barrier Diode
logo
ON Semiconductor
BAS40-04LT1G ONSEMI-BAS40-04LT1G Datasheet
125Kb / 4P
   Dual Series Schottky Barrier Diode
August, 2009 ??Rev. 10
BAS70-04LT1G ONSEMI-BAS70-04LT1G Datasheet
124Kb / 3P
   Dual Series Schottky Barrier Diode
August, 2009 ??Rev. 9
BAS40-04LT1G ONSEMI-BAS40-04LT1G_16 Datasheet
92Kb / 3P
   Dual Series Schottky Barrier Diode
October, 2016 ??Rev. 12
logo
Shanghai Leiditech Elec...
LBAT54ALT1G LEIDITECH-LBAT54ALT1G Datasheet
716Kb / 4P
   Dual Series Schottky Barrier Diode
logo
Advanced Semiconductor
5082-2279 ASI-5082-2279 Datasheet
18Kb / 1P
   SCHOTTKY BARRIER DUAL DIODE
logo
Nexperia B.V. All right...
1PS70SB14 NEXPERIA-1PS70SB14 Datasheet
3Mb / 9P
   Dual Schottky barrier diode
17 December 2012
1PS70SB15 NEXPERIA-1PS70SB15 Datasheet
1Mb / 9P
   Dual Schottky barrier diode
17 December 2012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com