Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1300A-100AC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1300A-100AC
Description  128K X 36 Dual I/O Dual Address Synchronous SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1300A-100AC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1300A-100AC Datasheet HTML 4Page - Cypress Semiconductor CY7C1300A-100AC Datasheet HTML 5Page - Cypress Semiconductor CY7C1300A-100AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1300A-100AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1300A-100AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1300A-100AC Datasheet HTML 9Page - Cypress Semiconductor CY7C1300A-100AC Datasheet HTML 10Page - Cypress Semiconductor CY7C1300A-100AC Datasheet HTML 11Page - Cypress Semiconductor CY7C1300A-100AC Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CY7C1300A
Document #: 38-05075 Rev. *C
Page 8 of 12
Switching Waveforms (continued)[22]
CLK
AX
CE#
(See Note)
OEX#
DQX
2
tH
tS
tKH
tKL
tKC
1
4
3
6
5
8
7
9
D(3)
OEY#
DQY
AY
13
12
15
14
6
5
19
18
20
tH
tS
WEX#
WEY#
PORT X
PORT Y
D(2)
D(4)
D(8)
D(9)
D(14)
D(15)
D(19)
D(5)
D(6)
D(18)
tH
tS
PORT Y TAKES
PRIORITY OVER PORT X
WHEN AX=AY AND
WRITING TO BOTH
Write Cycle Timing to Both Ports (PTX, PTY HIGH)[21]


Similar Part No. - CY7C1300A-100AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130 Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
CY7C130 CYPRESS-CY7C130 Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
CY7C130-30PC CYPRESS-CY7C130-30PC Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
CY7C130-30PC CYPRESS-CY7C130-30PC Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
CY7C130-30PI CYPRESS-CY7C130-30PI Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
More results

Similar Description - CY7C1300A-100AC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCM63D736 FREESCALE-MCM63D736 Datasheet
455Kb / 16P
   128K x 36 Bit Synchronous Dual I/O, Dual Address SRAM
logo
Cypress Semiconductor
CY7C1299A CYPRESS-CY7C1299A Datasheet
142Kb / 11P
   32K x 36 Dual I/O Dual Address Synchronous SRAM
logo
Motorola, Inc
MCM69D536 MOTOROLA-MCM69D536 Datasheet
212Kb / 14P
   32K x 36 Bit Synchronous Dual I/O, Dual Address SRAM
MCM69D618 MOTOROLA-MCM69D618 Datasheet
211Kb / 14P
   64K x 18 Bit Synchronous Dual I/O, Dual Address SRAM
MCM69Q536 MOTOROLA-MCM69Q536 Datasheet
183Kb / 12P
   32K x 36 Bit Synchronous Separate I/O SRAM
logo
Cypress Semiconductor
CY7C1347D CYPRESS-CY7C1347D Datasheet
389Kb / 21P
   128K x 36 Synchronous-Pipelined Cache SRAM
logo
Motorola, Inc
MCM67D709 MOTOROLA-MCM67D709 Datasheet
175Kb / 12P
   128K x 9 Bit Synchronous Dual I/O Fast Static RAM
logo
Renesas Technology Corp
71V2546S RENESAS-71V2546S Datasheet
279Kb / 22P
   128K x 36 3.3V Synchronous ZBT™ SRAM 2.5V I/O, Burst Counter Pipelined Outputs
Aug.12.20
logo
Alliance Semiconductor ...
AS7C33128PFD32A ALSC-AS7C33128PFD32A Datasheet
227Kb / 11P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS9C25256M2036L ALSC-AS9C25256M2036L Datasheet
1Mb / 30P
   2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com