Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTCSPT857DPAG Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDTCSPT857DPAG
Description  2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTCSPT857DPAG Datasheet(HTML) 4 Page - Integrated Device Technology

  IDTCSPT857DPAG Datasheet HTML 1Page - Integrated Device Technology IDTCSPT857DPAG Datasheet HTML 2Page - Integrated Device Technology IDTCSPT857DPAG Datasheet HTML 3Page - Integrated Device Technology IDTCSPT857DPAG Datasheet HTML 4Page - Integrated Device Technology IDTCSPT857DPAG Datasheet HTML 5Page - Integrated Device Technology IDTCSPT857DPAG Datasheet HTML 6Page - Integrated Device Technology IDTCSPT857DPAG Datasheet HTML 7Page - Integrated Device Technology IDTCSPT857DPAG Datasheet HTML 8Page - Integrated Device Technology IDTCSPT857DPAG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDTCSPT857D
2.5V - 2.6V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
VDDQ
GND
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
48
32
31
30
29
1
VDDQ
VDDQ
GND
25
26
27
28
GND
Y5
Y5
GND
Y0
Y0
Y1
Y1
GND
Y2
Y2
CLK
CLK
AVDD
Y3
Y3
VDDQ
Y4
Y6
Y6
GND
Y7
Y7
PWRDWN
FBIN
FBIN
VDDQ
FBOUT
FBOUT
Y8
Y8
VDDQ
Y9
Y9
GND
GND
GND
Y4
GND
VDDQ
VDDQ
VDDQ
AGND
PIN CONFIGURATIONS
TSSOP/ TVSOP
TOP VIEW
VFQFPN
TOP VIEW
GND
Y2
Y2
VDDQ
CLK
CLK
VDDQ
AVDD
AGND
GND
Y7
Y7
VDDQ
PWRDWN
FBIN
FBIN
VDDQ
VDDQ
FBOUT
FBOUT
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
30
29
28
27
26
25
24
23
22
21
31
32
33
34
35
36
37
38
39
40
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Rating
Max
Unit
VDDQ, AVDD
SupplyVoltageRange
–0.5 to +3.6
V
VI(2)
InputVoltageRange
–0.5 to VDDQ + 0.5
V
VO(2)
Voltagerangeappliedtoany
–0.5 to VDDQ + 0.5
V
outputinthehighorlowstate
IIK
InputClampCurrent
–50
mA
(VI <0)
IOK
OutputClampCurrent
±50
mA
(VO <0 or
VO > VDDQ)
IO
ContinuousOutputCurrent
±50
mA
(VO =0 to VDDQ)
VDDQ or GND
ContinuousCurrent
±100
mA
TSTG
StorageTemperatureRange
– 65 to +150
°C
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. The input and output negative-voltage ratings may be exceeded if the input and output
clamp-current ratings are observed.
3. The maximum package power dissipation is calculated using a junction temperature
of 150
°C and a board trace length of 750 mils.
CAPACITANCE(1)
Parameter
Description
Min.
Typ.
Max.
Unit
CIN
InputCapacitance
2.5
3.5
pF
VI = VDDQ or GND
CI(∆)
DeltaInputCapacitance
-0.25
0.25
pF
VI = VDDQ or GND
CL
LoadCapacitance
14
pF
NOTE:
1. Unused inputs must be held high or low to prevent them from floating.


Similar Part No. - IDTCSPT857DPAG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCSPT857 IDT-IDTCSPT857 Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857A IDT-IDTCSPT857A Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857ABV IDT-IDTCSPT857ABV Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857ABVI IDT-IDTCSPT857ABVI Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857APA IDT-IDTCSPT857APA Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
More results

Similar Description - IDTCSPT857DPAG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCSPT857C IDT-IDTCSPT857C Datasheet
143Kb / 15P
   2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPT857D RENESAS-CSPT857D Datasheet
347Kb / 16P
   2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
CSPT857C RENESAS-CSPT857C Datasheet
348Kb / 16P
   2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
logo
Integrated Device Techn...
IDTCSPT857A IDT-IDTCSPT857A Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877D IDT-IDTCSPU877D Datasheet
139Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877A IDT-IDTCSPU877A Datasheet
139Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPU877 RENESAS-CSPU877 Datasheet
306Kb / 14P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
logo
Integrated Device Techn...
IDTCSPU877A IDT-IDTCSPU877A_06 Datasheet
121Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPUA877 RENESAS-CSPUA877 Datasheet
292Kb / 14P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
logo
Integrated Device Techn...
IDTCSPUA877A IDT-IDTCSPUA877A Datasheet
116Kb / 14P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com