Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4ZC70UD Datasheet(PDF) 2 Page - International Rectifier

Part # IRG4ZC70UD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4ZC70UD Datasheet(HTML) 2 Page - International Rectifier

  IRG4ZC70UD Datasheet HTML 1Page - International Rectifier IRG4ZC70UD Datasheet HTML 2Page - International Rectifier IRG4ZC70UD Datasheet HTML 3Page - International Rectifier IRG4ZC70UD Datasheet HTML 4Page - International Rectifier IRG4ZC70UD Datasheet HTML 5Page - International Rectifier IRG4ZC70UD Datasheet HTML 6Page - International Rectifier IRG4ZC70UD Datasheet HTML 7Page - International Rectifier IRG4ZC70UD Datasheet HTML 8Page - International Rectifier IRG4ZC70UD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRG4ZC70UD
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
430
640
IC = 50A
Qge
Gate - Emitter Charge (turn-on)
48
72
nC
VCC = 400V
see figure 8
Qgc
Gate - Collector Charge (turn-on)
130
190
VGE = 15V
td(on)
Turn-On Delay Time
71
TJ = 25°C
tr
Rise Time
41
ns
IC = 50A, VCC = 480V
td(off)
Turn-Off Delay Time
250
370
VGE = 15V, RG = 5.0Ω
tf
Fall Time
110
220
Energy losses include "tail" and
Eon
Turn-On Switching Loss
1.59
diode reverse recovery.
Eoff
Turn-Off Switching Loss
1.78
mJ
see figures 9, 10, 18
Ets
Total Switching Loss
3.37
4.7
td(on)
Turn-On Delay Time
68
TJ = 150°C,
see figures 11, 18
tr
Rise Time
43
ns
IC = 50A, VCC = 480V
td(off)
Turn-Off Delay Time
370
VGE = 15V, RG = 5.0Ω
tf
Fall Time
130
Energy losses include "tail" and
Ets
Total Switching Loss
4.5
mJ
diode reverse recovery.
LE
Internal Emitter Inductance
2.0
nH
Cies
Input Capacitance
7400
VGE = 0V
Coes
Output Capacitance
730
pF
VCC = 30V
see figure 7
Cres
Reverse Transfer Capacitance
90
ƒ = 1.0MHz
trr
Diode Reverse Recovery Time
90
140
ns
TJ = 25°C see figure
120
180
TJ = 125°C
14
IF = 50A
Irr
Diode Peak Reverse Recovery Current
7.3
11
A
TJ = 25°C see figure
—11
16
TJ = 125°C
15
VR = 200V
Qrr
Diode Reverse Recovery Charge
360
550
nC
TJ = 25°C see figure
780 1200
TJ = 125°C
16
di/dt = 200Aµs
di(rec)M/dt
Diode Peak Rate of Fall of Recovery
370
A/µs
TJ = 25°C see figure
During tb
220
TJ = 125°C
17
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage Ž
600
V
VGE = 0V, IC = 250µA
∆V(BR)CES/∆TJ Temperature Coeff. of Breakdown Voltage
0.36
V/°C
VGE = 0V, IC = 1.0mA
VCE(on)
Collector-to-Emitter Saturation Voltage
1.49
1.9
IC = 50A
VGE = 15V
1.80
V
IC = 100A
see figure 2, 5
1.47
IC = 50A, TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0
6.0
VCE = VGE, IC = 250µA
∆VGE(th)/∆TJ Temperature Coeff. of Threshold Voltage
-7.6
mV/°C VCE = VGE, IC = 250µA
gfe
Forward Transconductance 
34
52
S
VCE = 100V, IC = 50A
ICES
Zero Gate Voltage Collector Current
250
µA
VGE = 0V, VCE = 600V
1.3
mA
VGE = 0V, VCE = 600V, TJ = 150°C
VFM
Diode Forward Voltage Drop
1.24
1.5
V
IC = 50A
see figure 13
1.16
1.3
IC = 50A, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
±100
nA
VGE = ±20V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)


Similar Part No. - IRG4ZC70UD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4ZC71KD IRF-IRG4ZC71KD Datasheet
226Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4ZC70UD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com