Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWM220-004P3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # GWM220-004P3
Description  Three phase full bridge with Trench MOSFETs in DCB isolated high current package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

GWM220-004P3 Datasheet(HTML) 1 Page - IXYS Corporation

  GWM220-004P3 Datasheet HTML 1Page - IXYS Corporation GWM220-004P3 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2005 IXYS All rights reserved
1 - 2
GWM 220-004P3
Three phase full bridge
with Trench MOSFETs
in DCB isolated high current package
Applications
AC drives
• in automobiles
- electric power steering
- starter generator
• in industrial vehicles
- propulsion drives
- fork lift drives
• in battery supplied equipment
Features
• MOSFETs in trench technology:
- logic level gate control
- low R
DSon
- optimized intrinsic reverse diode
• package:
- high level of integration
- high current capability
- auxiliary terminals for MOSFET control
- terminals for soldering or welding
connections
- isolated DCB ceramic base plate
with optimized heat transfer
V
DSS
= 40 V
R
DSon = 2.0 m
I
D25
= 190 A
IXYS reserves the right to change limits, test conditions and dimensions.
MOSFETs
Symbol
Conditions
Maximum Ratings
V
DSS
T
VJ = 25°C to 150°C
40
V
V
GS
±20
V
I
D25
T
C = 25°C
190
A
I
D90
T
C = 90°C
145
A
I
F25
T
C = 25°C (diode)
125
A
I
F90
T
C = 90°C (diode)
80
A
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
R
DSon
on chip level at
T
VJ =
25°C
2.0
2.6 m
V
GS = 10 V
T
VJ = 125°C
3.2
m
V
GSth
V
DS = 20 V; ID = 1 mA
2
4
V
I
DSS
V
DS = VDSS; VGS = 0 V; TVJ =
25°C
1
µA
T
VJ = 125°C
0.1
mA
I
GSS
V
GS = ±20 V; VDS = 0 V
0.2
µA
Q
g
94
nC
Q
gs
18
nC
Q
gd
29
nC
t
d(on)
40
ns
t
r
85
ns
t
d(off)
140
ns
t
f
90
ns
V
F
(diode) I
F = 110 A; VGS= 0 V
1.0
1.6
V
t
rr
(diode) I
F = 20 A; -di/dt = 100 A/µs; VDS= 20 V
70
ns
R
thJC
0.85 K/W
R
thJH
with heat transfer paste
1.1
K/W
V
GS= 10 V; VDS = 14 V; ID = 25 A
V
GS= 10 V; VDS = 30 V;
I
D = 25 A; RG = 10 Ω
L +
G1
S1
G2
S2
L -
G3
S3
G4
S4
G5
S5
G6
S6
L1
L2
L3
Preliminary data


Similar Part No. - GWM220-004P3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
GWM100-0085X1 IXYS-GWM100-0085X1 Datasheet
220Kb / 3P
   Three phase full Bridge with Trench MOSFETs in DCB isolated high current package
GWM100-01X1 IXYS-GWM100-01X1 Datasheet
324Kb / 6P
   Three phase full Bridge with Trench MOSFETs in DCB isolated high current package
GWM100-01X1-SL IXYS-GWM100-01X1-SL Datasheet
649Kb / 6P
   Three phase full Bridge with Trench MOSFETs in DCB isolated high current package
GWM100-01X1-SMD IXYS-GWM100-01X1-SMD Datasheet
649Kb / 6P
   Three phase full Bridge with Trench MOSFETs in DCB isolated high current package
GWM120-0075P3 IXYS-GWM120-0075P3 Datasheet
80Kb / 3P
   Three phase full bridge with Trench MOSFETs in DCB isolated high current package
More results

Similar Description - GWM220-004P3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
GWM100-01X1 IXYS-GWM100-01X1 Datasheet
324Kb / 6P
   Three phase full Bridge with Trench MOSFETs in DCB isolated high current package
MTC120WX55GD IXYS-MTC120WX55GD Datasheet
207Kb / 4P
   Three phase full Bridge with Trench MOSFETs in DCB-isolated high-current package
GWM70-01P2 IXYS-GWM70-01P2 Datasheet
68Kb / 2P
   Three phase full bridge with Trench MOSFETs in DCB isolated high current package
GWM180-004X2 IXYS-GWM180-004X2 Datasheet
322Kb / 6P
   Three phase full Bridge with Trench MOSFETs in DCB isolated high current package
GMM3X180-004X2 IXYS-GMM3X180-004X2 Datasheet
299Kb / 7P
   Three phase full Bridge with Trench MOSFETs in DCB isolated high current package
GWM120-0075X1 IXYS-GWM120-0075X1 Datasheet
326Kb / 6P
   Three phase full Bridge with Trench MOSFETs in DCB isolated high current package
GWM120-0075P3 IXYS-GWM120-0075P3 Datasheet
80Kb / 3P
   Three phase full bridge with Trench MOSFETs in DCB isolated high current package
MTC120WX75GD IXYS-MTC120WX75GD Datasheet
207Kb / 4P
   Three phase full Bridge with Trench MOSFETs in DCB-isolated high-current package
MTI200WX75GD IXYS-MTI200WX75GD Datasheet
338Kb / 7P
   Three phase full Bridge with Trench MOSFETs in DCB isolated high current package
GMM3X160-0055X2 IXYS-GMM3X160-0055X2 Datasheet
197Kb / 4P
   Three phase full Bridge with Trench MOSFETs in DCB isolated high current package
GMM3X120-0075X2 IXYS-GMM3X120-0075X2 Datasheet
195Kb / 4P
   Three phase full Bridge with Trench MOSFETs in DCB isolated high current package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com