Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHG597110 Datasheet(PDF) 5 Page - International Rectifier

Part # IRHG597110
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (MO-036AB)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHG597110 Datasheet(HTML) 5 Page - International Rectifier

  IRHG597110 Datasheet HTML 1Page - International Rectifier IRHG597110 Datasheet HTML 2Page - International Rectifier IRHG597110 Datasheet HTML 3Page - International Rectifier IRHG597110 Datasheet HTML 4Page - International Rectifier IRHG597110 Datasheet HTML 5Page - International Rectifier IRHG597110 Datasheet HTML 6Page - International Rectifier IRHG597110 Datasheet HTML 7Page - International Rectifier IRHG597110 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.irf.com
5
Pre-Irradiation
IRHG597110
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
0
100
200
300
400
500
600
-V
, Drain-to-Source Voltage (V)
DS

V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd

Crss

Coss

Ciss
0
2
4
6
8
10
12
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G


FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
-0.96A

V
= -20V
DS
V
= -50V
DS
V
= -80V
DS
0.1
1
10
1.0
2.0
3.0
4.0
5.0
-V
,Source-to-Drain Voltage (V)
SD

V
= 0 V
GS

T = 25 C
J
°

T = 150 C
J
°
1
10
100
1000
-VDS , Drain-toSource Voltage (V)
0.1
1
10
Tc = 25°C
Tj = 150°C
Single Pulse
1ms
10ms
OPERATION IN THIS AREA
LIMITED BY RDS(on)


Similar Part No. - IRHG597110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHG597110 IRF-IRHG597110 Datasheet
183Kb / 8P
   Simple Drive Requirements
IRHG597110 IRF-IRHG597110_15 Datasheet
183Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRHG597110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHG7110 IRF-IRHG7110 Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (MO-036AB)
IRHG9110 IRF-IRHG9110 Datasheet
122Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (MO-036AB)
RHLG77110 IRF-RHLG77110 Datasheet
215Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (MO-036AB
IRHLG7970Z4 IRF-IRHLG7970Z4 Datasheet
225Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (MO-036AB
IRHLG7670Z4 IRF-IRHLG7670Z4 Datasheet
314Kb / 16P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (MO-036AB)
2N7334JANTXV IRF-2N7334JANTXV Datasheet
273Kb / 7P
   POWER MOSFET THRU-HOLE (MO-036AB)
2N7336JANTX IRF-2N7336JANTX Datasheet
444Kb / 12P
   POWER MOSFET THRU-HOLE (MO-036AB)
IRFG6110 IRF-IRFG6110 Datasheet
402Kb / 12P
   POWER MOSFET THRU-HOLE (MO-036AB)
2N7336JANTXV IRF-2N7336JANTXV Datasheet
438Kb / 12P
   POWER MOSFET THRU-HOLE (MO-036AB)
IRFG110 IRF-IRFG110 Datasheet
221Kb / 7P
   POWER MOSFET THRU-HOLE (MO-036AB)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com