Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHLF7930Z4 Datasheet(PDF) 2 Page - International Rectifier

Part # IRHLF7930Z4
Description  RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (TO-39)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHLF7930Z4 Datasheet(HTML) 2 Page - International Rectifier

  IRHLF7930Z4 Datasheet HTML 1Page - International Rectifier IRHLF7930Z4 Datasheet HTML 2Page - International Rectifier IRHLF7930Z4 Datasheet HTML 3Page - International Rectifier IRHLF7930Z4 Datasheet HTML 4Page - International Rectifier IRHLF7930Z4 Datasheet HTML 5Page - International Rectifier IRHLF7930Z4 Datasheet HTML 6Page - International Rectifier IRHLF7930Z4 Datasheet HTML 7Page - International Rectifier IRHLF7930Z4 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRHLF7970Z4
Pre-Irradiation
2
www.irf.com
For footnotes refer to the last page
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
-1.6
ISM
Pulse Source Current (Body Diode) ➀
-6.4
VSD
Diode Forward Voltage
-5.0
V
Tj = 25°C, IS = -1.6A, VGS = 0V ➃
trr
Reverse Recovery Time
50
ns
Tj = 25°C, IF =-1.6A, di/dt ≤ -100A/µs
QRR Reverse Recovery Charge
50
nC
VDD ≤ -25V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ
Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
-60
V
VGS = 0V, ID = -250µA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
-0.06
V/°C
Reference to 25°C, ID = -1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
1.2
VGS = -4.5V, ID = -1.0A
Resistance
VGS(th)
Gate Threshold Voltage
-1.0
-2.0
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
1.0
S ( )
VDS = -10V, IDS = -1.0A ➃
IDSS
Zero Gate Voltage Drain Current
-1.0
VDS= -48V ,VGS=0V
-10
VDS = -48V,
VGS = 0V, TJ =125°C
IGSS
Gate-to-Source Leakage Forward
-100
VGS = -10V
IGSS
Gate-to-Source Leakage Reverse
100
VGS =10V
Qg
Total Gate Charge
4.0
VGS = -4.5V, ID = -1.6A
Qgs
Gate-to-Source Charge
1.5
nC
VDS = -30V
Qgd
Gate-to-Drain (‘Miller’) Charge
1.8
td(on)
Turn-On Delay Time
18
VDD = -30V, ID = -1.6A,
tr
Rise Time
20
VGS =-4.5V, RG = 24Ω
td(off)
Turn-Off Delay Time
15
tf
Fall Time
25
LS + LD
Total Inductance
7.0
Measured from Drain lead (6mm /0.25in
from package) to Source lead(6mm/0.25in
from packge)with Source wire internally
bonded from Source pin to Drain pad
Ciss
Input Capacitance
177
VGS = 0V, VDS = -25V
Coss
Output Capacitance
40
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
8.0
nA
nH
ns
µA
Rg
Gate Resistance
28
f = 5.0MHz, open drain
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
25
°C/W
Note: Corresponding Spice and Saber models are available on International Rectifier Web site.


Similar Part No. - IRHLF7930Z4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLF7970Z4 IRF-IRHLF7970Z4 Datasheet
220Kb / 9P
   Simple Drive Requirements
IRHLF7970Z4 IRF-IRHLF7970Z4_15 Datasheet
220Kb / 9P
   Simple Drive Requirements
More results

Similar Description - IRHLF7930Z4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLF770Z4 IRF-IRHLF770Z4 Datasheet
150Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (TO-39)
IRHLF77110 IRF-IRHLF77110 Datasheet
206Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (TO-39)
IRHF57230SE IRF-IRHF57230SE Datasheet
137Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE ( TO-39)
IRHF57234SE IRF-IRHF57234SE Datasheet
186Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF7430SE IRF-IRHF7430SE Datasheet
189Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57214SE IRF-IRHF57214SE Datasheet
213Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF597130 IRF-IRHF597130 Datasheet
203Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57Z30 IRF-IRHF57Z30 Datasheet
138Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57133SE IRF-IRHF57133SE Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57130 IRF-IRHF57130 Datasheet
113Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com