Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6325AY-2.2 Datasheet(PDF) 7 Page - EM Microelectronic - MARIN SA

Part # EM6325AY-2.2
Description  Reset Circuit with Manual Reset
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6325AY-2.2 Datasheet(HTML) 7 Page - EM Microelectronic - MARIN SA

  EM6325AY-2.2 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6325AY-2.2 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6325AY-2.2 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6325AY-2.2 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6325AY-2.2 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6325AY-2.2 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6325AY-2.2 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6325AY-2.2 Datasheet HTML 8Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
EM6325
Copyright
© 2005, EM Microelectronic-Marin SA
7
www.emmicroelectronic.com
Package Information
Dimensions are in mm
L
C
A1 A2 A
D
b
e
e1
E1
E
SOT23-5L
SYM BOL
M IN
TYP
M AX
A
0.90
1.30
1.45
A 1
0.05
0.08
0.15
A 2
0.90
1.15
1.30
b0.35
0.50
C0.08
0.20
D
2.80
2.90
3.00
E
2.60
2.80
3.00
E1
1.50
1.75
e0.95
e1
1.90
L
0.45
L
Q1
c
E
D
HE
e
e
PIN 1
NOTE:
All dimensions are in millimeters
Dimensions are inclusive of plating
Dimensions are exclusive of mold flash & metal burr
All specifications comply to EIAJ SC70
A
A1
A2
SYMBOL
MIN
MAX
e
D1.80
2.20
b0.15
0.30
E1.15
1.35
HE
1.80
2.40
Q1
0.10
0.40
A2
0.80
1.00
A1
0.00
0.10
A0.80
1.10
c0.10
0.18
L0.10
0.30
0.65 BSC
b
SC70-5L


Similar Part No. - EM6325AY-2.2

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6320FP16AS-10L EMLSI-EM6320FP16AS-10L Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-10LF EMLSI-EM6320FP16AS-10LF Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-70L EMLSI-EM6320FP16AS-70L Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AS-70LF EMLSI-EM6320FP16AS-70LF Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6320FP16AW-55LF EMLSI-EM6320FP16AW-55LF Datasheet
112Kb / 11P
   256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6325AY-2.2

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
logo
Anpec Electronics Corop...
APR3101 ANPEC-APR3101 Datasheet
137Kb / 14P
   Micropower Microprocessor Reset Circuit with Manual Reset
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Advanced Analogic Techn...
AAT3526 ANALOGICTECH-AAT3526_06 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
AAT3526 ANALOGICTECH-AAT3526 Datasheet
223Kb / 10P
   MicroPower Supervisory Circuit with Manual Reset
logo
Advanced Analog Technol...
AAT3526 AAT-AAT3526 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
logo
Texas Instruments
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com