Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS1021S Datasheet(PDF) 3 Page - International Rectifier

Part # IPS1021S
Description  INTELLIGENT POWER LOW SIDE SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS1021S Datasheet(HTML) 3 Page - International Rectifier

  IPS1021S Datasheet HTML 1Page - International Rectifier IPS1021S Datasheet HTML 2Page - International Rectifier IPS1021S Datasheet HTML 3Page - International Rectifier IPS1021S Datasheet HTML 4Page - International Rectifier IPS1021S Datasheet HTML 5Page - International Rectifier IPS1021S Datasheet HTML 6Page - International Rectifier IPS1021S Datasheet HTML 7Page - International Rectifier IPS1021S Datasheet HTML 8Page - International Rectifier IPS1021S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
IPS1021(S)(R)
Static Electrical Characteristics
Tj=25°C, Vcc=14V (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
ON state resistance Tj=25°C
20
25
Rds(on)
ON state resistance Tj=150°C (2)
38
48
m
Vin=5V, Ids=8A
Idss1
Drain to source leakage current
0.1
10
Vcc=14V, Tj=25°C
Idss2
Drain to source leakage current
0.2
20
µA
Vcc=28V, Tj=25°C
V clamp1
Drain to source clamp voltage 1
36
39
Id=20mA
V clamp2
Drain to source clamp voltage 2
40
42
Id=2A
Vin clamp
IN to source pin clamp voltage
5.5
6.5
7.5
Iin=1mA
Vth
Input threshold voltage
1.7
V
Id=10mA
Switching Electrical Characteristics
Vcc=14V, Resistive load=1.5
Ω, Rinput=0Ω, Vin=5V, Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Tdon
Turn-on delay time to 20%
10
30
100
Tr
Rise time 20% to 80%
10
30
60
Tdoff
Turn-off delay time to 80%
40
150
400
Tf
Fall time 80% to 20%
15
30
60
µs
See figure 2
Eon + Eoff
Turn on and off energy
2
mJ
Protection Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Tsd
Over temperature threshold
150(2)
165
°C
See figure 1
Isd
Over current threshold
32
45
58
A
See figure 1
OV
Over voltage protection ( not active when
the device is ON )
34
37
V
Vreset
IN protection reset threshold
1.7
V
Treset
Time to reset protection
15(2)
50
200
µs
Vin=0V
Diagnostic
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Iin, on
ON state IN positive current
15
32
70
Iin, off
OFF state IN positive current
(after protection latched)
150
230
350
µA
Vin=5V
Vin=5V
(2) Guaranteed by design
www.irf.com
3


Similar Part No. - IPS1021S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS1021SPBF IRF-IPS1021SPBF Datasheet
799Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
More results

Similar Description - IPS1021S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1031SPBF IRF-IPS1031SPBF Datasheet
796Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1021PBF IRF-IPS1021PBF Datasheet
799Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1011 IRF-IPS1011 Datasheet
196Kb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1021S IRF-AUIPS1021S Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS2031R IRF-AUIPS2031R Datasheet
246Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS2051L INFINEON-AUIPS2051L Datasheet
773Kb / 16P
   INTELLIGENT POWER LOW SIDE SWITCH
May 9th, 2012 Revision F
logo
International Rectifier
IPS2041RPBF IRF-IPS2041RPBF Datasheet
1Mb / 12P
   INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS1025R INFINEON-AUIPS1025R Datasheet
449Kb / 15P
   INTELLIGENT POWER LOW SIDE SWITCH
Rev 1.1 2016-3-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com