Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILQ55-X009 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ILQ55-X009
Description  Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ55-X009 Datasheet(HTML) 5 Page - Vishay Siliconix

  ILQ55-X009 Datasheet HTML 1Page - Vishay Siliconix ILQ55-X009 Datasheet HTML 2Page - Vishay Siliconix ILQ55-X009 Datasheet HTML 3Page - Vishay Siliconix ILQ55-X009 Datasheet HTML 4Page - Vishay Siliconix ILQ55-X009 Datasheet HTML 5Page - Vishay Siliconix ILQ55-X009 Datasheet HTML 6Page - Vishay Siliconix ILQ55-X009 Datasheet HTML 7Page - Vishay Siliconix ILQ55-X009 Datasheet HTML 8Page - Vishay Siliconix ILQ55-X009 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IL30/ 31/ 55/ ILD30/ 31/ 55/ ILQ30/ 31/ 55
Document Number 83621
Rev. 1.5, 26-Oct-04
Vishay Semiconductors
www.vishay.com
5
Switching Characteristics
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Rise time
VCC = 13.5 V, IF = 50 mA, RL = 100 Ω
tr
10
µs
Fall time
VCC = 13.5 V, IF = 50 mA, RL = 100 Ω
tf
35
µs
Figure 1. Forward Voltage vs. Forward Current
Figure 2. Normalized Non-Saturated and Saturated CTRCE vs.
LED Current
iil30_01
IF - Forward Current - mA
100
10
1
.1
0.7
0.8
0.9
1.0
1.1
1.2
1. 3
1.4
Ta = –55°C
Ta = 25°C
Ta = 85°C
iil30_02
.1
1
10
100
1000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Vce =1V
Vce=5V
IF - LED Current - mA
Vce=5V
IF =10mA
Normalized to:
Figure 3. Normalized Non-Saturated and Saturated Collector-
Emitter Current vs. LED Current
Figure 4. Normalized Collector-Base Photocurrent vs. LED
Current
iil30_03
100
1
.1
.001
.01
.1
1
10
Vce = 1V
Vce=5V
IF - LED Current - mA
IF = 10 mA
Vce=5V
Normalized to:
10
iil30_04
.1
1
1 0
100
.001
.01
.1
1
10
IF - LED Current - mA
Vcb = 3.5 V
IF =10mA
Normalized to:


Similar Part No. - ILQ55-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILQ55-X009 VISHAY-ILQ55-X009 Datasheet
175Kb / 9P
   Optocoupler, Photodarlington Output
Rev. 1.6, 14-Dec-07
ILQ55-X009T VISHAY-ILQ55-X009T Datasheet
232Kb / 10P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
Rev. 1.8, 28-Jul-14
ILQ55-X009T VISHAY-ILQ55-X009T Datasheet
259Kb / 11P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
01-Jan-2022
More results

Similar Description - ILQ55-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL30 VISHAY-IL30_V02 Datasheet
259Kb / 11P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
01-Jan-2023
ILQ55 VISHAY-ILQ55_V01 Datasheet
259Kb / 11P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
01-Jan-2022
IL30 VISHAY-IL30_14 Datasheet
232Kb / 10P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
Rev. 1.8, 28-Jul-14
IL66 VISHAY-IL66_07 Datasheet
681Kb / 9P
   Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
Rev. 1.6, 13-Dec-07
ILD32 VISHAY-ILD32 Datasheet
181Kb / 8P
   Optocoupler, Photodarlington Output, High Gain (Dual, Quad Channel)
Rev. 1.5, 26-Oct-04
ILQ32 VISHAY-ILQ32_V02 Datasheet
180Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)
01-Jan-2023
ILQ32 VISHAY-ILQ32_11 Datasheet
183Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)
Rev. 1.8, 24-May-11
ILQ32 VISHAY-ILQ32_V01 Datasheet
180Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)s
01-Jan-2022
TCED2100 VISHAY-TCED2100_08 Datasheet
163Kb / 8P
   Optocoupler, Photodarlington Output, Dual Channel, High Gain
Rev. 1.6, 16-May-08
TCED2100 VISHAY-TCED2100_V01 Datasheet
155Kb / 8P
   Optocoupler, Photodarlington Output, Dual Channel, High Gain
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com