Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65651-250-A48 Datasheet(PDF) 4 Page - EPCOS

Part # B65651-250-A48
Description  PM/P/P Cores Halves/EP/TT/PR Cores
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65651-250-A48 Datasheet(HTML) 4 Page - EPCOS

  B65651-250-A48 Datasheet HTML 1Page - EPCOS B65651-250-A48 Datasheet HTML 2Page - EPCOS B65651-250-A48 Datasheet HTML 3Page - EPCOS B65651-250-A48 Datasheet HTML 4Page - EPCOS B65651-250-A48 Datasheet HTML 5Page - EPCOS B65651-250-A48 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
336 08/01
Mounting assembly for printed circuit boards
I The set comprises a terminal carrier and a yoke
I For snap-in connection
Terminal carrier
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code gray
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3,5 s
Yoke
Spring yoke, made of tinned nickel silver (0,3 mm), with ground terminal
4 solder terminals
8 solder terminals
Complete mounting assembly
(4 solder terminals)
Ordering code: B65655-B9
Complete mounting assembly
(8 solder terminals)
Ordering code: B65655-B10
*) This recess must be on the side of the grounding pin to ensure that the yoke locks in position.
a) Yoke
b) Terminal carrier with 4 solder terminals
c) Terminal carrier with 8 solder terminals
FPK0295-U
20 max.
Erdungspunkt
*)
a
b
20,7 max.
2,54
Erdungspunkt
Hole arrangement
View in mounting
direction
Ground
Ground
FPK0296-3
20 max.
Erdungspunkt
*)
a
c
20,7 max.
2,54
Erdungspunkt
Hole arrangement
View in mounting
direction
Ground
Ground
B65655
Accessories
P 18
× 11


Similar Part No. - B65651-250-A48

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65651 EPCOS-B65651 Datasheet
79Kb / 2P
   Core and Accessories
logo
TDK Electronics
B65651+0040A001 TDK-B65651+0040A001 Datasheet
543Kb / 11P
   Ferrites and accessories
B65651+0100A033 TDK-B65651+0100A033 Datasheet
543Kb / 11P
   Ferrites and accessories
B65651+0160A048 TDK-B65651+0160A048 Datasheet
543Kb / 11P
   Ferrites and accessories
B65651+0250A048 TDK-B65651+0250A048 Datasheet
543Kb / 11P
   Ferrites and accessories
More results

Similar Description - B65651-250-A48

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65522 EPCOS-B65522 Datasheet
98Kb / 7P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65621 EPCOS-B65621 Datasheet
110Kb / 5P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65659F0001X001 EPCOS-B65659F0001X001 Datasheet
93Kb / 7P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65661 EPCOS-B65661 Datasheet
142Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
October 2009
B65671 EPCOS-B65671 Datasheet
123Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65517 EPCOS-B65517 Datasheet
157Kb / 7P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65839-A63-A38 EPCOS-B65839-A63-A38 Datasheet
114Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65701 EPCOS-B65701 Datasheet
128Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65541 EPCOS-B65541 Datasheet
146Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65611 EPCOS-B65611 Datasheet
133Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com