Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGH24N170 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGH24N170
Description  High Voltage IGBT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH24N170 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGH24N170 Datasheet HTML 1Page - IXYS Corporation IXGH24N170 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
6,306,728B1
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80
21.46
.819
.845
E
15.75
16.26
.610
.640
e
5.20
5.72
0.205 0.225
L
19.81
20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40
0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
e
∅ P
TO-247 AD Outline
Remarks: Switching times may
increase for V
CE (Clamp) > 0.8 • VCES,
higher T
J or increased RG
Remarks: Switching times may
increase for V
CE (Clamp) > 0.8 • VCES,
higher T
J or increased RG
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= I
C90; VCE = 10 V,
18
25
S
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
I
C(ON)
V
GE = 10V, VCE = 10V
100
A
C
ies
2400
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
120
pF
C
res
33
pF
Q
g
106
nC
Q
ge
I
C = IC90, VGE = 15 V, VCE = 0.5 VCES
18
nC
Q
gc
32
nC
t
d(on)
42
ns
t
ri
39
ns
t
d(off)
200
400
ns
t
fi
250
500
ns
E
off
812 mJ
t
d(on)
50
ns
t
ri
55
ns
E
on
2.0
mJ
t
d(off)
200
ns
t
fi
360
ns
E
off
12
mJ
R
thJC
0.5 K/W
R
thCK
(TO-247)
0.25
K/W
Inductive load, T
J = 125°
°°°°C
I
C = IC25, VGE = 15 V
V
CE = 0.8 VCES, RG = Roff = 5 Ω
Inductive load, T
J = 25°
°°°°C
I
C = IC25, VGE = 15 V
V
CE = 0.8 VCES, RG = Roff = 5 Ω
Min Recommended Footprint
IXGH
24N170
IXGT
24N170
TO-268 Outline
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.9
5.1
.193
.201
A
1
2.7
2.9
.106
.114
A
2
.02
.25
.001
.010
b
1.15
1.45
.045
.057
b
2
1.9
2.1
.75
.83
C
.4
.65
.016
.026
D
13.80
14.00
.543
.551
E
15.85
16.05
.624
.632
E
1
13.3
13.6
.524
.535
e
5.45 BSC
.215 BSC
H
18.70
19.10
.736
.752
L
2.40
2.70
.094
.106
L1
1.20
1.40
.047
.055
L2
1.00
1.15
.039
.045
L3
0.25 BSC
.010 BSC
L4
3.80
4.10
.150
.161


Similar Part No. - IXGH24N170

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH24N170A IXYS-IXGH24N170A Datasheet
230Kb / 4P
   High Voltage IGBTs
IXGH24N170AH1 IXYS-IXGH24N170AH1 Datasheet
231Kb / 4P
   High Voltage IGBTs w/Diode
IXGH24N170 IXYS-IXGH24N170_08 Datasheet
121Kb / 2P
   High Voltage IGBT
More results

Similar Description - IXGH24N170

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH10N170A IXYS-IXGH10N170A Datasheet
571Kb / 5P
   High Voltage IGBT
IXDA20N120AS IXYS-IXDA20N120AS_11 Datasheet
242Kb / 4P
   High Voltage IGBT
IXGH16N170A IXYS-IXGH16N170A_05 Datasheet
176Kb / 6P
   High Voltage IGBT
IXST15N120B IXYS-IXST15N120B Datasheet
58Kb / 2P
   HIGH Voltage IGBT
IXGP28N120B IXYS-IXGP28N120B Datasheet
570Kb / 5P
   High Voltage IGBT
logo
Inchange Semiconductor ...
IXGN100N170 ISC-IXGN100N170 Datasheet
562Kb / 3P
   High Voltage IGBT
logo
IXYS Corporation
IXGH32N170 IXYS-IXGH32N170 Datasheet
588Kb / 5P
   High Voltage IGBT
IXGT6N170AHV IXYS-IXGT6N170AHV Datasheet
205Kb / 5P
   High Voltage IGBT
IXGY2N120 IXYS-IXGY2N120 Datasheet
134Kb / 4P
   High Voltage IGBT
IXGH32N170A IXYS-IXGH32N170A Datasheet
578Kb / 5P
   High Voltage IGBT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com