Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUD50N04-05L Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SUD50N04-05L
Description  N-Channel 40-V (D-S), 175 C MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD50N04-05L Datasheet(HTML) 3 Page - Vishay Siliconix

  SUD50N04-05L Datasheet HTML 1Page - Vishay Siliconix SUD50N04-05L Datasheet HTML 2Page - Vishay Siliconix SUD50N04-05L Datasheet HTML 3Page - Vishay Siliconix SUD50N04-05L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SUD50N04-05L
Vishay Siliconix
New Product
Document Number: 72786
S-40444—Rev. A, 15-Mar-04
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
2
4
6
8
10
0
20406080
100
0
1000
2000
3000
4000
5000
6000
7000
8000
0
8
16
24
32
40
0
40
80
120
160
200
0
102030
405060
0.000
0.002
0.004
0.006
0.008
0.010
0
20
40
60
80
100
120
0
20
40
60
80
100
120
0
2468
10
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Output Characteristics
Transfer Characteristics
Capacitance
Gate Charge
Transconductance
On-Resistance vs. Drain Current
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
Qg − Total Gate Charge (nC)
ID − Drain Current (A)
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
25_C
−55_C
3 V
TC = 125_C
VDS = 20 V
ID = 50 A
VGS = 10 thru 5 V
VGS = 10 V
Ciss
Coss
Crss
TC = −55_C
25
_C
125
_C
4 V
VGS = 4.5 V


Similar Part No. - SUD50N04-05L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50N04-06H VISHAY-SUD50N04-06H Datasheet
61Kb / 5P
   N-Channel 40-V (D-S), 175C MOSFET
Rev. B, 15-Nov-04
SUD50N04-06P VISHAY-SUD50N04-06P Datasheet
114Kb / 8P
   N-Channel 40-V (D-S), 175 °C MOSFET
Rev. B, 25-Aug-08
SUD50N04-07L VISHAY-SUD50N04-07L Datasheet
73Kb / 5P
   N-Channel 40-V (D-S), 175 Degree Celcious MOSFET
Rev. B, 13-Oct-03
SUD50N04-07L VISHAY-SUD50N04-07L Datasheet
80Kb / 6P
   N-Channel 40-V (D-S), 175 °C MOSFETs
18-Jul-08
SUD50N04-07L VISHAY-SUD50N04-07L_V01 Datasheet
80Kb / 6P
   N-Channel 40-V (D-S), 175 °C MOSFETs
18-Jul-08
More results

Similar Description - SUD50N04-05L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50N04-09H VISHAY-SUD50N04-09H Datasheet
80Kb / 6P
   N-Channel 40-V (D-S), 175 °C MOSFET
Rev. E, 06-Aug-07
SUD50N04-25P VISHAY-SUD50N04-25P Datasheet
237Kb / 3P
   N-Channel 40-V (D-S) 175°C MOSFET
Rev. A, 18-Dec-06
SIDR402EP VISHAY-SIDR402EP Datasheet
173Kb / 7P
   N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
SUM110N04-2M3L VISHAY-SUM110N04-2M3L Datasheet
121Kb / 6P
   N-Channel 40-V (D-S) 175 °C MOSFET
Rev. B, 11-Feb-08
SUD50N04-16P VISHAY-SUD50N04-16P Datasheet
115Kb / 8P
   N-Channel 40-V (D-S), 175 °C MOSFET
Rev. B, 25-Aug-08
SUM110N04-05H VISHAY-SUM110N04-05H_08 Datasheet
112Kb / 6P
   N-Channel 40-V (D-S) 175 °C MOSFET
Rev. B, 11-Feb-08
logo
VBsemi Electronics Co.,...
VBL7402 VBSEMI-VBL7402 Datasheet
459Kb / 8P
   N-Channel 40 V (D-S) 175 °C MOSFET
logo
Vishay Siliconix
SIJH440E VISHAY-SIJH440E Datasheet
199Kb / 7P
   N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 17-Oct-16
logo
VBsemi Electronics Co.,...
VBL7401 VBSEMI-VBL7401 Datasheet
410Kb / 7P
   N-Channel 40 V (D-S) 175 °C MOSFET
logo
Vishay Siliconix
SUM110N04-03P VISHAY-SUM110N04-03P Datasheet
109Kb / 6P
   N-Channel 40-V (D-S) 175 °C MOSFET
Rev. C, 11-Feb-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com