Electronic Components Datasheet Search |
|
B65659-F1-X1 Datasheet(PDF) 4 Page - EPCOS |
|
B65659-F1-X1 Datasheet(HTML) 4 Page - EPCOS |
4 / 6 page 336 08/01 Mounting assembly for printed circuit boards I The set comprises a terminal carrier and a yoke I For snap-in connection Terminal carrier Material: GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085: F max. operating temperature 155 °C), color code gray Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3,5 s Yoke Spring yoke, made of tinned nickel silver (0,3 mm), with ground terminal 4 solder terminals 8 solder terminals Complete mounting assembly (4 solder terminals) Ordering code: B65655-B9 Complete mounting assembly (8 solder terminals) Ordering code: B65655-B10 *) This recess must be on the side of the grounding pin to ensure that the yoke locks in position. a) Yoke b) Terminal carrier with 4 solder terminals c) Terminal carrier with 8 solder terminals FPK0295-U 20 max. Erdungspunkt *) a b 20,7 max. 2,54 Erdungspunkt Hole arrangement View in mounting direction Ground Ground FPK0296-3 20 max. Erdungspunkt *) a c 20,7 max. 2,54 Erdungspunkt Hole arrangement View in mounting direction Ground Ground B65655 Accessories P 18 × 11 |
Similar Part No. - B65659-F1-X1 |
|
Similar Description - B65659-F1-X1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |