Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUD50N06-12 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SUD50N06-12
Description  N-Channel 60-V (D-S) 175 C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD50N06-12 Datasheet(HTML) 2 Page - Vishay Siliconix

  SUD50N06-12 Datasheet HTML 1Page - Vishay Siliconix SUD50N06-12 Datasheet HTML 2Page - Vishay Siliconix SUD50N06-12 Datasheet HTML 3Page - Vishay Siliconix SUD50N06-12 Datasheet HTML 4Page - Vishay Siliconix SUD50N06-12 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUD50N06-12
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72385
S-31920—Rev. A, 15-Sep-03
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typa
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
60
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
2.0
4.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
VDS = 60 V, VGS = 0 V
1
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V, TJ = 125_C
50
mA
g
DSS
VDS = 60 V, VGS = 0 V, TJ = 175_C
250
m
On-State Drain Currentb
ID(on)
VDS = 5 V, VGS = 10 V
50
A
VGS = 10 V, ID = 20 A
0.0095
0.012
Drain-Source On-State Resistanceb
rDS(on)
VGS = 10 V, ID = 20 A, TJ = 125_C
0.021
W
DS(on)
VGS = 10 V, ID = 20 A, TJ = 175_C
0.027
Forward Transconductanceb
gfs
VDS = 15 V, ID = 20 A
25
S
Dynamica
Input Capacitance
Ciss
2500
Output Capacitance
Coss
VGS = 0 V, VDS = 25 V, F = 1 MHz
400
pF
Reverse Transfer Capacitance
Crss
165
Gate Resistance
Rg
f = 1 MHz
2.1
W
Total Gate Chargec
Qg
40
60
Gate-Source Chargec
Qgs
VDS = 30 V, VGS = 10 V, ID = 50 A
13
nC
Gate-Drain Chargec
Qgd
DS
, GS
, D
12
Turn-On Delay Timec
td(on)
15
25
Rise Timec
tr
VDD = 30 V, RL = 0.6 W
11
20
ns
Turn-Off Delay Timec
td(off)
VDD = 30 V, RL = 0.6 W
ID ^ 50 A, VGEN = 10 V, RG = 2.5 W
30
50
ns
Fall Timec
tf
7
15
Source-Drain Diode Ratings and Characteristic (TC = 25_C)
Pulsed Current
ISM
100
A
Diode Forward Voltageb
VSD
IF = 50 A, VGS = 0 V
1.0
1.5
V
Source-Drain Reverse Recovery Time
trr
IF = 50 A, di/dt = 100 A/ms
40
80
ns
Notes
a.
Guaranteed by design, not subject to production testing.
b.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
c.
Independent of operating temperature.


Similar Part No. - SUD50N06-12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50N06-16 VISHAY-SUD50N06-16 Datasheet
69Kb / 5P
   N-Channel 60-V (D-S) 175 Degreee Celcious MOSFET
Rev. A, 15-Sep-03
More results

Similar Description - SUD50N06-12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM75N06-09L VISHAY-SUM75N06-09L_08 Datasheet
110Kb / 6P
   N-Channel 60-V (D-S), 175 °C MOSFET
Rev. B, 11-Feb-08
SUM110N06-3M4L VISHAY-SUM110N06-3M4L_08 Datasheet
118Kb / 6P
   N-Channel 60-V (D-S) 175 °C MOSFET
Rev. B, 11-Feb-08
SUM110N06-3M9H VISHAY-SUM110N06-3M9H Datasheet
81Kb / 6P
   N-Channel 60-V (D-S) 175 °C MOSFET
Rev. C, 26-Mar-07
SIDR626EP VISHAY-SIDR626EP Datasheet
177Kb / 7P
   N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBE1606 VBSEMI-VBE1606_V01 Datasheet
669Kb / 8P
   N-Channel 60 V (D-S) 175 °C MOSFET
logo
Vishay Siliconix
SUM110N06-06 VISHAY-SUM110N06-06 Datasheet
45Kb / 5P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. A, 25-Nov-02
SUB75N06-12L VISHAY-SUB75N06-12L Datasheet
77Kb / 4P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. B, 07-Sep-98
SUM70N06-11 VISHAY-SUM70N06-11 Datasheet
52Kb / 5P
   N-Channel 60-V (D-S), 175 C MOSFET
Rev. B, 31-Mar-03
logo
VBsemi Electronics Co.,...
VBL7603 VBSEMI-VBL7603 Datasheet
463Kb / 7P
   N-Channel 60 V (D-S) 175 °C MOSFET
VBA1606 VBSEMI-VBA1606 Datasheet
462Kb / 9P
   N-Channel 60 V (D-S) 175 °C MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com