Selected language     English  ā–¼


TDA4863-2 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part No. TDA4863-2
Description  Power Factor Controller IC for High Power Factor and Low THD
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 
 5 page
background image
TDA4863-2
Overview
Data Sheet
5
V1.2, 2004-02
Figure 1
Typical application
1.3
Description
The TDA4863-2 IC controls a boost converter in a way that sinusoidal current is taken
from the single phase line supply and stabilized DC voltage is available at the output.
This active harmonic filter limits the harmonic currents resulting from the capacitor
pulsed charge currents during rectification. The power factor which describes the ratio
between active and apparent power is almost one. Line voltage fluctuations can be
compensated very efficiently.
AC
line
DC Output
Volage
GND
TDA4863-2
RF-Filter
and
Rectifier




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ICE1PD265GPower Factor Controller + Cool- MOS: BoostSET IC for High Power Factor and low THD 1 2 3 4 5 MoreInfineon Technologies AG
TDA4817Power Factor Controller IC for High Power Factor and Active Harmonic Filtering 1 2 3 4 5 MoreSiemens Semiconductor Group
TDA4814Power Factor Controller IC for High Power Factor and Active Harmonic Filter 1 2 3 4 5 MoreSiemens Semiconductor Group
LT1768High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime 1 2 3 4 5 MoreLinear Technology
FSQ0365RNGreen Mode Fairchild Power Switch FPS for Quasi-Resonant Operation - Low EMI and High Efficiency 1 2 3 4 5 MoreFairchild Semiconductor
SP6120Low Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
ICE1QS01Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor Correction PFC 1 2 3 4 5 MoreInfineon Technologies AG
SP6120Low Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
NCP1030Low Power PWM Controller with On-Chip Power Switch and Startup Circuits for 48 V Telecom Systems 1 2 3 4 5 MoreON Semiconductor
SP6120BLow Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl