Selected language     English  ā–¼


TDA4863-2 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part No. TDA4863-2
Description  Power Factor Controller IC for High Power Factor and Low THD
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 11 page
background image
TDA4863-2
Functional Description
Data Sheet
11
V1.2, 2004-02
To prevent false tripping the zero current detector is designed as a Schmitt-Trigger with
a hysteresis of 0.5 V. An internal 5 V clamp protects the input from overvoltage
breakdown, a 0.6 V clamp prevents substrate injection. An external resistor has to be
used in series with the auxiliary winding to limit the current through the clamps.
2.8
Restart Timer
The restart timer function eliminates the need of an oscillator. The timer starts or restarts
the TDA4863-2 when the driver output has been off for more than 150 Āµs after the
inductor current reaches zero.
2.9
Undervoltage Lockout
An undervoltage lockout circuitry switches the IC on when V
CC reaches the upper
threshold V
CCH and switches the IC off when VCC is falling below the lower threshold VCCL.
During start up the supply current is less then 100 ĀµA.
An internal voltage clamp has been added to protect the IC from V
CC overvoltage
condition. When using this clamp special care must be taken on power dissipation.
Start up current is provided by an external start up resistor which is connected from the
AC line to the input supply voltage V
CC and a storage capacitor which is connected from
VCC to ground. Be aware that this capacitor is discharged before the IC is plugged into
the application board. Otherwise the IC can be destroyed due to the high capacitor
voltage.
Bootstrap power supply is created with the previous mentioned auxiliary winding and a
diode (see ā€œApplication Circuitā€ on Page 21).
2.10
Gate Drive
The TDA4863-2 totem pole output stage is MOSFET compatible. An internal protection
ciruitry is activated when V
CC is within the start up phase and ensures that the MOSFET
is turned off. The totem pole output has been optimized to achieve minimized cross
conduction current during high speed operation.
Compared to TDA4863 a bigger MOS Transistor can be driven by the TDA4863-2. When
a big MOSFET is used in applications with TDA4863, for example SPP20N60C3, the
falling edge of the gate drive voltage can swing under GND and can cause false
triggering of the IC. To prevent false triggering the gate drive voltage of theTDA 4863-2
at low state and gate current I
GT= 0mA is set to VGTL= 0.85V (TDA4863: VGTL=0.25V).
The difference between TDA4863-2 and TDA4863 is also depicted in diagramm: gate
drive voltage low state on page 20.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ICE1PD265GPower Factor Controller + Cool- MOS: BoostSET IC for High Power Factor and low THD 1 2 3 4 5 MoreInfineon Technologies AG
TDA4817Power Factor Controller IC for High Power Factor and Active Harmonic Filtering 1 2 3 4 5 MoreSiemens Semiconductor Group
TDA4814Power Factor Controller IC for High Power Factor and Active Harmonic Filter 1 2 3 4 5 MoreSiemens Semiconductor Group
LT1768High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime 1 2 3 4 5 MoreLinear Technology
FSQ0365RNGreen Mode Fairchild Power Switch FPS for Quasi-Resonant Operation - Low EMI and High Efficiency 1 2 3 4 5 MoreFairchild Semiconductor
SP6120Low Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
ICE1QS01Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor Correction PFC 1 2 3 4 5 MoreInfineon Technologies AG
SP6120Low Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
NCP1030Low Power PWM Controller with On-Chip Power Switch and Startup Circuits for 48 V Telecom Systems 1 2 3 4 5 MoreON Semiconductor
SP6120BLow Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl