Selected language     English  ▼


TDA4863-2G Datasheet(PDF) 4 Page - Infineon Technologies AG

Part No. TDA4863-2G
Description  Power Factor Controller IC for High Power Factor and Low THD
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 
 4 page
background image
Data Sheet
4
V1.2, 2004-02
Type
Ordering Code
Package
TDA4863-2
Q67040-S4620
P-DIP-8-4
TDA4863-2G
Q67040-S4621
P-DSO-8-3
Power Factor Controller
IC for High Power Factor
and Low THD
TDA4863-2
Final Data
Boost Controller
P-DIP-8-4
P-DSO-8-3
1
Overview
1.1 Features
• IC for sinusoidal line-current consumption
• Power factor achieves nearly 1
• Controls boost converter as active harmonic
filter for low THD
• Start up with low current consumption
• Zero current detector for discontinuous
operation mode
• Output overvoltage protection
• Output undervoltage lockout
• Internal start up timer
• Totem pole output with active shut down
• Internal leading edge blanking LEB
1.2 Improvements Compared to TDA 4862 and
TDA4863
• Suitable for universal input applications with low THD at low load conditions
• Very low start up current
• Accurate OVR and V
ISENSEmax threshold
• Competition compatible V
CC thresholds
• Enable threshold referred to V
VSENSE
• Compared to TDA4863 a bigger MOS Transistor can be driven (see 2.10)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ICE1PD265GPower Factor Controller + Cool- MOS: BoostSET IC for High Power Factor and low THD 1 2 3 4 5 MoreInfineon Technologies AG
TDA4817Power Factor Controller IC for High Power Factor and Active Harmonic Filtering 1 2 3 4 5 MoreSiemens Semiconductor Group
TDA4814Power Factor Controller IC for High Power Factor and Active Harmonic Filter 1 2 3 4 5 MoreSiemens Semiconductor Group
LT1768High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime 1 2 3 4 5 MoreLinear Technology
FSQ0365RNGreen Mode Fairchild Power Switch FPS for Quasi-Resonant Operation - Low EMI and High Efficiency 1 2 3 4 5 MoreFairchild Semiconductor
SP6120Low Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
ICE1QS01Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor Correction PFC 1 2 3 4 5 MoreInfineon Technologies AG
SP6120Low Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
NCP1030Low Power PWM Controller with On-Chip Power Switch and Startup Circuits for 48 V Telecom Systems 1 2 3 4 5 MoreON Semiconductor
SP6120BLow Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl