Selected language     English  ā–¼


TDA4863-2G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part No. TDA4863-2G
Description  Power Factor Controller IC for High Power Factor and Low THD
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 7 page
background image
TDA4863-2
Overview
Data Sheet
7
V1.2, 2004-02
Pin Definitions and Functions
Pin
Symbol
Description
1
VSENSE Voltage Amplifier Inverting Input
VSENSE is connected via a resistive divider to the boost converter
output. With a capacitor connected to VAOUT the internal error
amplifier acts as an integrator.
2
VAOUT
Voltage Amplifier Output
VVAOUT is connected internally to the first multiplier input. To prevent
overshoot the input voltage is clamped internally at 5 V. If V
VAOUT is
less than 2.2 V the gate driver is inhibited. If the current flowing into
this pin exceeds an internal threshold the multiplier output voltage is
reduced to prevent the MOSFET from overvoltage damage.
3MULTIN
Multiplier Input
MULTIN is the second multiplier input and is connected via a resistive
divider to the rectifier output voltage.
4
ISENSE
Current Sense Input
ISENSE is connected to a sense resistor controlling the MOSFET
source current. The input is internally clamped at -0.3 V to prevent
negative input voltage interaction. A leading edge blanking circuitry
suppresses voltage spikes when turning the MOSFET on.
5DETIN
Zero Current Detector Input
DETIN is connected to an auxiliary winding and monitors the zero
crossing of the inductor current.
6GND
Ground
7GTDRV
Gate Driver Output
GTDRV is the output of a totem-pole circuitry for direct driving a
MOSFET. Compared with TDA4863 the TDA4863-2 can drive 20A
MOSFETS. To achieve this the gate output voltage V
GTLat IGT=0A has
been set to 0.85 V. An active shutdown circuitry ensures that GTDRV
is set to low if the IC is switched off.
8VCC
Positive Voltage Supply
If V
CC exceeds the turn-on threshold the IC is switched on. When VCC
falls below the turn-off threshold the IC is switched off. In switch off
mode power consumption is very low. Two capacitors should be
connected to VCC. An electrolytic capacitor and 100 nF ceramic
capacitor which is used to absorb fast supply current spikes. Make
sure that the electrolytic capacitor is discharged before the IC is
plugged into the application board.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ICE1PD265GPower Factor Controller + Cool- MOS: BoostSET IC for High Power Factor and low THD 1 2 3 4 5 MoreInfineon Technologies AG
TDA4817Power Factor Controller IC for High Power Factor and Active Harmonic Filtering 1 2 3 4 5 MoreSiemens Semiconductor Group
TDA4814Power Factor Controller IC for High Power Factor and Active Harmonic Filter 1 2 3 4 5 MoreSiemens Semiconductor Group
LT1768High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime 1 2 3 4 5 MoreLinear Technology
FSQ0365RNGreen Mode Fairchild Power Switch FPS for Quasi-Resonant Operation - Low EMI and High Efficiency 1 2 3 4 5 MoreFairchild Semiconductor
SP6120Low Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
ICE1QS01Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor Correction PFC 1 2 3 4 5 MoreInfineon Technologies AG
SP6120Low Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
NCP1030Low Power PWM Controller with On-Chip Power Switch and Startup Circuits for 48 V Telecom Systems 1 2 3 4 5 MoreON Semiconductor
SP6120BLow Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl